Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6553CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6553CBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6553CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6553CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6553CBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL6553
FN4931 Rev 1.00
Page 10 of 15
August 2004
Current Sensing and Balancing
Overview
The ISL6553 samples the on-state voltage drop across each
synchronous rectifier FET, Q2, as an indication of the inductor
current in that phase, see Figure 7. Neglecting AC effects (to
be discussed later), the voltage drop across Q2 is simply
rDS(ON)(Q2) x inductor current (IL). Note that IL, the inductor
current, is 1/2 of the total current (ILT).
The voltage at Q2’s drain, the PHASE node, is applied to the
RISEN resistor to develop the IISEN current to the ISL6553
ISEN pin. This pin is held at virtual ground, so the current
through RISEN is IL x rDS(ON)(Q2) / RISEN.
The IISEN current provides information to perform the following
functions:
1. Detection of an over-current condition
2. Reduce the regulator output voltage with increasing load
current (droop)
3. Balance the IL currents in the two phases
Over-Current, Selecting RISEN
The current detected through the RISEN resistor is averaged
with the current detected in the other channel. The averaged
current is compared with a trimmed, internally generated
current, and used to detect an over-current condition.
The nominal current through the RISEN resistor should be
50
A at full output load current, and the nominal trip point for
over-current detection is 165% of that value, or 82.5
A.
Therefore, RISEN = IL x rDS(ON) (Q2) / 50A.
For a full load of 25A per phase, and an rDS(ON) (Q2) of 4m,
RISEN = 2k.
The over-current trip point would be 165% of 25A, or ~ 41A per
phase. The RISEN value can be adjusted to change the over-
current trip point, but it is suggested to stay within
25% of
nominal.
Droop, Selection of RIN
The average of the currents detected through the RISEN
resistors is also steered to the FB pin. There is no DC return
path connected to the FB pin except for RIN, so the average
current creates a voltage drop across RIN. This drop increases
the apparent VCORE voltage with increasing load current,
causing the system to decrease VCORE to maintain balance at
the FB pin. This is the desired “droop” voltage used to maintain
VCORE within limits under transient conditions.
With a high dv/dt load transient, typical of high performance
microprocessors, the largest deviations in output voltage occur
FIGURE 7. SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM SHOWING CURRENT AND VOLTAGE SAMPLING
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
AVERAGING
CURRENT
FROM
OTHER
CHANNEL
SAWTOOTH
GENERATOR
+
DIFFERENCE
RISEN
+
CORRECTION
ERROR
AMPLIFIER
FB
COMP
REFERENCE
TO OTHER
CHANNELS
ISEN
RIN
RFB
Cc
VCORE
Q1
Q2
COMPARATOR
REFERENCE
TO OVER
CURRENT
TRIP
L
PHASE
INDUCTOR
CURRENT
FROM
OTHER
CHANNEL
PWM
IL
DAC
ISL6553
VIN
ONLY ONE OUTPUT
HIP6601
-
-
STAGE SHOWN
-
+
SENSING
-
+
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com