Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC564LC4TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC564LC4TR-R5
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC564LC4TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC564LC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC564LC4TR-R5 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
HMC564LC4
v08.0618
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 7 - 14 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
General Description
Features
Functional Diagram
The HMC564LC4 is a high dynamic range GaAs
pHEMT MMIC Low Noise Amplifier housed in a
leadless RoHS compliant 4x4 mm SMT package.
Operating from 7 to 14 GHz, the HMC564LC4 features
extremely flat small signal gain of 17 dB as well as
1.8 dB noise figure and +25 dBm output IP3 across
the operating band. This self-biased LNA is ideal for
microwave radios due to its consistent output power,
single +3V supply operation, and DC blocked RF I/O’s.
Noise Figure: 1.8 dB
Gain: 17 dB
OIP3: 25 dBm
Single Supply: +3V @ 51 mA
50 Ohm Matched Input/Output
RoHS Compliant 4 x 4 mm Package
Typical Applications
The HMC564LC4 is ideal for use as a LNA or driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military & Space
Electrical Specifications, T
A = +25° C, Vdd 1, 2 = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
7 - 14
GHz
Gain
14
17
dB
Gain Variation Over Temperature
0.02
0.03
dB/ °C
Noise Figure
1.8
2.2
dB
Input Return Loss
15
dB
Output Return Loss
14
dB
Output Power for 1 dB Compression (P1dB)
10
13
dBm
Saturated Output Power (Psat)
14.5
dBm
Output Third Order Intercept (IP3)
25
dBm
Supply Current (Idd)(Vdd = +3V)
51
75
mA


Similar Part No. - HMC564LC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC564LC4TR-R5 AD-HMC564LC4TR-R5 Datasheet
1Mb / 7P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 6 - 14GHz
v09.0524
More results

Similar Description - HMC564LC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5_09 Datasheet
226Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC374SC70E AD-HMC374SC70E Datasheet
530Kb / 6P
GaAs pHEMT LOW NOISE AMPLIFIER
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
SMT PHEMT LOW NOISE AMPLIFIER
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com