Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC751LC4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC751LC4
Description  SMT pHEMT LOW NOISE AMPLIFIER,
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC751LC4 Datasheet(HTML) 1 Page - Analog Devices

  HMC751LC4 Datasheet HTML 1Page - Analog Devices HMC751LC4 Datasheet HTML 2Page - Analog Devices HMC751LC4 Datasheet HTML 3Page - Analog Devices HMC751LC4 Datasheet HTML 4Page - Analog Devices HMC751LC4 Datasheet HTML 5Page - Analog Devices HMC751LC4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC751LC4
v01.0514
SMT pHEMT LOW NOISE
AMpLIFIER, 17 - 27 GHz
General Description
Features
Functional Diagram
The HMC751LC4 is a high dynamic range GaAs
pHEMT MMIC Low Noise Amplifier (LNA) housed in
a leadless “Pb free” RoHS compliant SMT package.
The HMC751LC4 provides 25 dB of small signal
gain, 2.2 dB of noise figure and output IP3 of +25 dBm.
The P1dB output power of +13 dBm also enables the
LNA to function as a LO driver for balanced, I/Q or
image reject mixers. The HMC751LC4 allows the use
of surface mount manufacturing techniques.
Noise Figure: 2.2 dB
Gain: 25 dB
OIP3: +25 dBm
Single Supply: +4V @ 73 mA
50 Ohm Matched Input/Output
RoHS Compliant 4 x 4 mm Package
Electrical Specifications, T
A = +25° C, Vdd 1, 2, 3 = +4V
Typical Applications
The HMC751LC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
17 - 20
20 - 27
GHz
Gain
22
24
23
25
dB
Gain Variation Over Temperature
0.025
0.028
dB/ °C
Noise Figure
2.2
2.8
2.0
2.6
dB
Input Return Loss
17
15
dB
Output Return Loss
16
15
dB
Output Power for 1 dB Compression (P1dB)
13
13
dBm
Saturated Output Power (Psat)
15
15
dBm
Output Third Order Intercept (IP3)
25
25
dBm
Supply Current (Idd)(Vdd = +4V)
50
73
90
50
73
90
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC751LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
More results

Similar Description - HMC751LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
SMT PHEMT LOW NOISE AMPLIFIER
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com