Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX15819 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CX15819
Description  ~35째 wide beam with holder and installation tape
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CX15819 Datasheet(HTML) 1 Page - Ledil, Inc.

  CX15819 Datasheet HTML 1Page - Ledil, Inc. CX15819 Datasheet HTML 2Page - Ledil, Inc. CX15819 Datasheet HTML 3Page - Ledil, Inc. CX15819 Datasheet HTML 4Page - Ledil, Inc. CX15819 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CX15819_GABRIELLA-45-W
GABRIELLA-45-W
~35° wide beam with holder and installation tape
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 45 mm
Height
29.2 mm
Fastening
tape, pin, screw
Colour
black
Box size
Box weight
0 kg
Quantity in Box
405 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
GABRIELLA-45-W
Lens
PMMA
clear
GABRIELLA-45-HLD-T
Holder
PC
black
Last update: 05/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CX15819

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CX15818 LEDIL-CX15818 Datasheet
3Mb / 5P
~25째 medium beam with holder and installation tape
More results

Similar Description - CX15819

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12426 LEDIL-CA12426_18 Datasheet
6Mb / 8P
~40째 wide beam. Assembly with holder and installation tape.
CA12427 LEDIL-CA12427 Datasheet
6Mb / 8P
~55째 wide beam. Assembly with holder and installation tape.
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
~70째 wide beam. Assembly with holder and installation tape.
CA12892 LEDIL-CA12892_18 Datasheet
10Mb / 5P
~55째 wide beam. Assembly with holder and installation tape.
CA13043 LEDIL-CA13043_18 Datasheet
10Mb / 5P
~40째 wide beam. Assembly with holder and installation tape.
FA11027 LEDIL-FA11027 Datasheet
1Mb / 5P
~60째 wide beam. Assembly with holder and installation tape.
CN15816 LEDIL-CN15816 Datasheet
2Mb / 5P
~35째 wide beam with holder
CA14942 LEDIL-CA14942 Datasheet
5Mb / 5P
~35째 wide beam. Assembly with location pins and installation tape.
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
CN16210 LEDIL-CN16210 Datasheet
8Mb / 8P
~35째 wide beam with holder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com