Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA11067 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11067
Description  ~10째 x 40째 oval beam optimized for CREE MC-E. 14.04 mm high assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11067 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11067 Datasheet HTML 1Page - Ledil, Inc. FA11067 Datasheet HTML 2Page - Ledil, Inc. FA11067 Datasheet HTML 3Page - Ledil, Inc. FA11067 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA11067_LM1-O-90
LM1-O-90
~10° x 40° oval beam optimized for CREE MC-E.
14.04 mm high assembly with installation tape.
Variant with beam direction rotated 90°.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14 mm
Fastening
tape
Colour
black
Box size
Box weight
0 kg
Quantity in Box
2160 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LM1-O-90
Lens
PMMA
clear
LM-LH1-TAPE-BLK
Holder
PC
black
LEILA-TAPE
Tape
PU tape 0,2mm
black
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11067

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11060 LEDIL-FA11060 Datasheet
4Mb / 4P
~9.6째 spot beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
FA11061 LEDIL-FA11061 Datasheet
4Mb / 4P
~14째 diffused spot beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
FA11062 LEDIL-FA11062 Datasheet
4Mb / 4P
~25째 medium beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
FA11063 LEDIL-FA11063 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
FA11064 LEDIL-FA11064 Datasheet
3Mb / 4P
~35째 x 25째 rectangular beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
More results

Similar Description - FA11067

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10613 LEDIL-FA10613 Datasheet
3Mb / 4P
~9.6째 spot beam optimized for CREE MC-E. 14.04 mm high assembly with installation tape.
FA10614 LEDIL-FA10614 Datasheet
3Mb / 4P
~25째 medium beam optimized for CREE MC-E. 14.04 mm high assembly with installation tape.
FA10615 LEDIL-FA10615 Datasheet
2Mb / 4P
~35째 x 25째 rectangular beam optimized for CREE MC-E. 14.04 mm high assembly with installation tape.
FA11105 LEDIL-FA11105 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for CREE XR-E. 16.5 mm high assembly with installation tape.
FA11447 LEDIL-FA11447 Datasheet
3Mb / 4P
~30째 medium beam optimized for CREE MC-E 14.04 mm high assembly with installation tape.
FA11894 LEDIL-FA11894 Datasheet
1Mb / 4P
~40째 wide beam optimized for CREE MC-E. 14.04 mm high assembly with installation tape.
CA14511 LEDIL-CA14511 Datasheet
7Mb / 13P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14512 LEDIL-CA14512 Datasheet
2Mb / 7P
~10째 x 40째 oval beam optimized for CREE XP-E.
CP11634 LEDIL-CP11634 Datasheet
1Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E.
FA11116 LEDIL-FA11116 Datasheet
2Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com