Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUW-HWQP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUW-HWQP
Description  SMD epoxy package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-HWQP Datasheet(HTML) 5 Page - OSRAM GmbH

  LUW-HWQP Datasheet HTML 1Page - OSRAM GmbH LUW-HWQP Datasheet HTML 2Page - OSRAM GmbH LUW-HWQP Datasheet HTML 3Page - OSRAM GmbH LUW-HWQP Datasheet HTML 4Page - OSRAM GmbH LUW-HWQP Datasheet HTML 5Page - OSRAM GmbH LUW-HWQP Datasheet HTML 6Page - OSRAM GmbH LUW-HWQP Datasheet HTML 7Page - OSRAM GmbH LUW-HWQP Datasheet HTML 8Page - OSRAM GmbH LUW-HWQP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.7
LUW HWQP
2016-10-27
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 23
Durchlassspannungsgruppen 3) Seite 23
Group
Luminous Flux 1) page 23
Luminous Flux 1) page 23
Luminous Intensity
5) page 23
Gruppe
Lichtstrom 1) Seite 23
Lichtstrom 1) Seite 23
Lichtstärke 5) Seite 23
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
8M
250
280
87.5
5N
280
315
98.2
N6
300
315
101.5
6N
315
355
110.6
7N
355
400
124.6
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50
8H
3.50
3.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com