Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54VCXH162244 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 54VCXH162244
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162244 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 54VCXH162244 Datasheet HTML 3Page - STMicroelectronics 54VCXH162244 Datasheet HTML 4Page - STMicroelectronics 54VCXH162244 Datasheet HTML 5Page - STMicroelectronics 54VCXH162244 Datasheet HTML 6Page - STMicroelectronics 54VCXH162244 Datasheet HTML 7Page - STMicroelectronics 54VCXH162244 Datasheet HTML 8Page - STMicroelectronics 54VCXH162244 Datasheet HTML 9Page - STMicroelectronics 54VCXH162244 Datasheet HTML 10Page - STMicroelectronics 54VCXH162244 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
54VCXH162244
7/11
Figure 4: Test Circuit
CL = 30 pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Table 11: Waveform Symbol Values
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ (VCC = 3.0 to 3.6V)
6V
tPZL, tPLZ (VCC = 2.3 to 2.7V)
2VCC
tPZH, tPHZ
GND
Symbol
VCC
3.0 to3.6V
2.3 to 2.7V
VIH
2.7V
VCC
VM
1.5V
VCC/2
VX
VOL + 0.3V
VOL + 0.15V
VY
VOH - 0.3V
VOH - 0.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com