Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUW-W5KM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LUW-W5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-W5KM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LUW-W5KM Datasheet HTML 7Page - OSRAM GmbH LUW-W5KM Datasheet HTML 8Page - OSRAM GmbH LUW-W5KM Datasheet HTML 9Page - OSRAM GmbH LUW-W5KM Datasheet HTML 10Page - OSRAM GmbH LUW-W5KM Datasheet HTML 11Page - OSRAM GmbH LUW-W5KM Datasheet HTML 12Page - OSRAM GmbH LUW-W5KM Datasheet HTML 13Page - OSRAM GmbH LUW-W5KM Datasheet HTML 14Page - OSRAM GmbH LUW-W5KM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LUW W5KM
2010-02-15
11
Maßzeichnung
8) Seite 17
Package Outlines
8) page 17
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
350 mg
Gurtung / Polarität und Lage
6) Seite 18
Verpackungseinheit 200/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
6) page 18
Packing unit 200/reel, ø180 mm
GPLY6707
0...0.1 (0.004)
(1.5 (0.059))
4.0 (0.157)
3.6 (0.142)
9.6 (0.378)
9.2 (0.362)
Cathode Marking
1.9 (0.075)
1.7 (0.067)
4.1 (0.161)
4.5 (0.177)
(0.25 (0.010))
C
Heat sink
Protection
Diode
A
OHAY2551
1.55 (0.061)
2 (0.079)
4 (0.157)
16 (0.629)
0.35 (0.013)
4.2 (0.165)
4.5 (0.177)
±0.05 (0.002)
±0.1 (0.004)
±0.1 (0.004)
±0.1 (0.004)
±0.1 (0.004)
±0.05 (0.002)
Cathode/Collector Side
±0.1 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com