Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7222 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-7222
Description  GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7222 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-7222 Datasheet HTML 1Page - OSRAM GmbH SFH-7222 Datasheet HTML 2Page - OSRAM GmbH SFH-7222 Datasheet HTML 3Page - OSRAM GmbH SFH-7222 Datasheet HTML 4Page - OSRAM GmbH SFH-7222 Datasheet HTML 5Page - OSRAM GmbH SFH-7222 Datasheet HTML 6Page - OSRAM GmbH SFH-7222 Datasheet HTML 7Page - OSRAM GmbH SFH-7222 Datasheet HTML 8Page - OSRAM GmbH SFH-7222 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Version 1.0 (not for new design)
SFH 7222
2012-08-17
3
Characteristics (TA = 25 °C)
Kennwerte
Note: The stated maximum ratings refer to one chip, unless otherwise specified.
Anm: Die angegebenen Grenzdaten gelten für einen Chip, wenn nicht anders angegeben.
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
IRED
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 100 mA)
λpeak
880
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 100 mA)
Δλ
80
nm
Half angle
Halbwinkel
ϕ
± 60
°
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.4 x 0.4
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 100 mA, RL = 50 Ω)
tr, tf
500
ns
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
25
pF
Forward voltage
Durchlassspannung
(IF = 100 mA, tp = 20 ms)
VF
1.5 (≤ 1.8)
V
Forward voltage
Durchlassspannung
(IF = 1 A, tp = 100 μs)
VF
3 (≤ 3.8)
V
Reverse current
Sperrstrom
(VR = 5 V)
IR
0.01 (≤ 1)
µA
Total radiant flux
Gesamtstrahlungsfluss
(IF = 100 mA, tp = 20 ms)
Φe
23
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com