Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASG304 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASG304
Description  DC-2000 MHz SiGe HBT Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ASG304 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASG304 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASG304 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
www.ASB.co.kr
June 2003
1) S11 & S22 can be improved, at a specific frequency, by moving
an input shunt capacitor (C2) along an input transmission line.
2) OIP3 is measured with two tones at an output power of +8 dBm/tone
separated by 1 MHz.
ASG304
Application Circuit: 900 MHz
Typical Performance
Board Layout (FR4, 40x40 mm
2, 0.8T)
Gain vs. Temperature
Frequency
900 MHz
Magnitude S21
18 dB
Magnitude S11
1)
-24 dB
Magnitude S22
1)
-11 dB
Output P1dB
24 dBm
Output IP3
2)
41 dBm
Noise Figure
2.6 dB
Supply Voltage
6 V
Current
110 mA
Schematic
S-parameters
6 00
7 00
80 0
90 0
100 0
11 00
1 200
-4 0
-3 5
-3 0
-2 5
-2 0
-1 5
85
oC
25
oC
-40
oC
Frequenc y [MHz ]
50
Ω
C2=8 pF
C1=10 pF
R1=7.5 k
Ω
L1=100 nH
C3=100 pF
Vcc=6 V
RF IN
RF OUT
3 mm
ASG304
C4=
100 pF
C5=
1000 pF
C6=
0.1
µF
600
700
800
900
1000
1100
1200
-50
-40
-30
-20
-10
0
10
85
oC
25
oC
-40
oC
Frequency (MHz)
600
700
800
900
1000
1100
1200
-40
-35
-30
-25
-20
-15
85
oC
25
oC
-40
oC
Frequency (MHz)
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
85
oC
25
oC
-40
oC
Frequency (MHz)
600
700
800
900
1000
1100
1200
-20
-15
-10
-5
0
5
85
oC
25
oC
-40
oC
Frequency (MHz)
-60
-40
-20
0
20
40
60
80
100
16
17
18
19
20
Frequency=900 MHz
Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com