Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6529 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6529
Description  5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6529 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6529 Datasheet HTML 3Page - Monolithic Power Systems MP6529 Datasheet HTML 4Page - Monolithic Power Systems MP6529 Datasheet HTML 5Page - Monolithic Power Systems MP6529 Datasheet HTML 6Page - Monolithic Power Systems MP6529 Datasheet HTML 7Page - Monolithic Power Systems MP6529 Datasheet HTML 8Page - Monolithic Power Systems MP6529 Datasheet HTML 9Page - Monolithic Power Systems MP6529 Datasheet HTML 10Page - Monolithic Power Systems MP6529 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP6529 – 5V TO 35V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6529 Rev. 1.0
www.MonolithicPower.com
7
10/26/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 24V, OC_REF = 0.5V, RDT = 200k, ENA = ENC = H, FPWMA = 20kHz, TA = 25°C,
resistor + inductor load: 5Ω + 1mH/phase with star connection, unless otherwise noted.
Power Ramp Up
Duty=10%
Power Ramp Up
Duty=50%
Sleep Recovery
Duty=10%
Power Ramp Up
Duty=90%
Sleep Recovery
Duty=90%
Sleep Recovery
Duty=50%
VGHA
20V/div.
VGLA
10V/div.
VSHA
20V/div.
IOUTA
100mA/div.
VIN
10V/div.
VGHA
20V/div.
VSHA
20V/div.
IOUTA
100mA/div.
VnSLEEP
2V/div.
VGHA
20V/div.
VSHA
20V/div.
IOUTA
100mA/div.
VnSLEEP
2V/div.
VGHA
20V/div.
VSHA
20V/div.
IOUTA
500mA/div.
VnSLEEP
2V/div.
VGHA
20V/div.
VSHA
20V/div.
IOUTA
1A/div.
VIN
10V/div.
VGHA
20V/div.
VSHA
20V/div.
IOUTA
500mA/div.
VIN
10V/div.
VGHA
20V/div.
VSHA
20V/div.
IOUTA
1A/div.
VGHA
20V/div.
VGLA
10V/div.
VSHA
20V/div.
IOUTA
500mA/div.
VGHA
20V/div.
VGLA
10V/div.
VSHA
20V/div.
IOUTA
500mA/div.
Steady State
Duty=10%
Steady State
Duty=50%
Steady State
Duty=90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com