Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA521 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments OPA521 Datasheet HTML 10Page - Texas Instruments OPA521 Datasheet HTML 11Page - Texas Instruments OPA521 Datasheet HTML 12Page - Texas Instruments OPA521 Datasheet HTML 13Page - Texas Instruments OPA521 Datasheet HTML 14Page - Texas Instruments OPA521 Datasheet HTML 15Page - Texas Instruments OPA521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
OPA521
SBOS872 – MAY 2018
www.ti.com
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Select the Zener breakdown voltage at the lowest available rating beyond the normal power supply operating range. For example,
1SMB5931B is designed for systems where PA_VS = 15 V, whereas 1SMB5934B is designed for systems where PA_VS = 20 V.
(2)
Select the TVS breakdown voltage at or slightly less than (0.5 × PA_VS). For example, SMCJ6.0CA is designed for systems where
PA_VS = 15 V, whereas SMCJ8.0CA is designed for systems where PA_VS = 20 V.
(3)
A common value for the high-voltage capacitor is 470 nF. Other values may be substituted depending on the application requirements.
When making a substitution, the capacitor must be selected from the same family or an equivalent family of capacitors rated to
withstand high-voltage surges on the power line for reliability.
Table 2 and Table 3 list several recommended transient protection components.
Table 2. Recommended Transient Protection Devices (120 VAC, 60 Hz)
COMPONENT
DESCRIPTION
MANUFACTURER
MFR PART NO. (OR
EQUIVALENT)
D1
Zener diode
TBD
TBD(1)
D2, D3
Schottky diode
TBD
B340A
TVS
Transient voltage suppressor
TBD
TBD(2)
MOV
Varistor
Littelfuse, Inc.
TMOV20RP140E
HV capacitor
High-voltage capacitor
Illinois Capacitor, Inc
TBD(3)
(1)
Select the Zener breakdown voltage at the lowest available rating beyond the normal power supply operating range. For example,
1SMB5931B is designed for systems where PA_VS = 15 V, whereas 1SMB5934B is designed for systems where PA_VS = 20 V.
(2)
Select the TVS breakdown voltage at or slightly less than (0.5 × PA_VS). For example, SMCJ6.0CA is designed for systems where
PA_VS = 15 V, whereas SMCJ8.0CA is designed for systems where PA_VS = 20 V.
(3)
A common value for the high-voltage capacitor is 470 nF. Other values may be substituted depending on the application requirements.
When making a substitution, the capacitor must be selected from the same family or an equivalent family of capacitors rated to
withstand high-voltage surges on the power line for reliability.
Table 3. Recommended Transient Protection Devices (240 VAC, 50 Hz)
COMPONENT
DESCRIPTION
MANUFACTURER
MFR PART NO (OR EQUIVALENT)
D1
Zener diode
TBD.
TBD(1)
D2, D3
Schottky diode
TBD
TBD
TVS
Transient voltage suppressor
TBD
TBD(2)
MOV
Varistor
Littelfuse, Inc.
TMOV20RP300E
HV capacitor
High-voltage capacitor
Illinois Capacitor, Inc
474MKP275KA(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com