Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68134IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68134IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
FN8817 Rev.1.00
Page 1 of 50
Jun 19, 2017
FN8817
Rev.1.00
Jun 19, 2017
ISL68134
Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage
Scaling Bus
DATASHEET
The ISL68134 is a digital dual output, flexible multiphase
(X+Y ≤ 4) PWM controller with Adaptive Voltage Scaling (AVSBus)
interface. Either output can be configured to support any desired
phase assignments up to a maximum of four phases across the
two outputs (X+Y). For example, 3+1, 2+2, 2+1, or even a single
output operation as a 4+0 configuration are supported. The
flexible phase arrangement, combined with PMBus and AVSBus
interfaces, allows the device to support any demanding power
supply requirement. The ISL68134 with AVSBus complements
PMBus by providing a common interface that accelerates
point-to-point communication between the controller and the load
to statically and dynamically control processor voltage, thus
delivering a balanced and power efficient solution. AVSBus can be
used exclusively after the device is configured using PMBus. The
ISL68134 uses Intersil’s proprietary linear synthetic digital
current modulation scheme to achieve the industry’s best
combination of transient response and ease of tuning while
addressing the challenges of modern multiphase designs.
Device configuration and telemetry monitoring is accomplished
using Intersil's intuitive PowerNavigator™ GUI. The ISL68134
device supports on-chip nonvolatile memory to store various
configuration settings that are user selectable through pin-strap,
giving system designers increased power density to configure and
deploy multiple configurations. The device supports an automatic
phase add/drop feature to allow maximum efficiency across all
load ranges. Thresholds for automatic phase add/drop are user
programmable using the powerful PowerNavigator GUI.
The ISL68134 supports a comprehensive fault management
system to enable the design of highly reliable systems. From a
multitiered overcurrent protection scheme, to the configurable
power-good and output overvoltage/undervoltage fault
thresholds and temperature monitoring, almost any need is
accommodated.
With minimal external components, easy configuration, robust
fault management, and highly accurate regulation capability,
implementing a high performance multiphase regulator has
never been easier.
Applications
• Networking equipment
• Telecom/datacom equipment
• Server/storage equipment
• Point-of-load power supply (Memory, DSP, ASIC, FPGA)
Features
• PMBus 1.3 and AVSBus compliant
- Telemetry - VIN, VOUT, IOUT, power IN/OUT, temperature,
and various fault status registers
- Individual AVSBus interface enables high speed voltage
changes
• Advanced linear digital modulation scheme
- Zero latency synthetic current control for excellent HF
current balance
- Dual edge modulation for fastest transient response
• Auto phase add/drop for excellent load vs efficiency profile
• Flexible phase configuration
- 4+0, 3+1, 2+2 phase operation
- Operation using less than four phases between two
outputs is also supported
• Diode braking for overshoot reduction
• Differential remote voltage sensing supports ±0.5% closed
loop system accuracy over load, line, and temperature
• Highly accurate current sensing for excellent load line
regulation and accurate OCP
- Supports ISL99227 60A smart power stage
- Supports DCR sense with integrated temperature
compensation
• Comprehensive fault management enables high reliability
systems
- Pulse-by-pulse phase current limiting
- Total output current protection
- Output and input OV/UV
- Open voltage sense detect
- Black box recording capability for faults
• Intuitive configuration using PowerNavigator GUI
- NVM to store up to eight configurations
• Pb-free (RoHS compliant)
Related Literature
• For a full list of related documents, visit our website
- ISL68134 product page


Similar Part No. - ISL68134IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68134 INTERSIL-ISL68134 Datasheet
880Kb / 50P
Digital Dual Output, 7-Phase Configurable PWM
September 28, 2016
ISL68134 INTERSIL-ISL68134 Datasheet
965Kb / 53P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
ISL68134 INTERSIL-ISL68134_16 Datasheet
880Kb / 50P
Digital Dual Output, 7-Phase Configurable PWM
September 28, 2016
More results

Similar Description - ISL68134IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
ISL69133 RENESAS-ISL69133 Datasheet
231Kb / 2P
Digital, Dual Output, 4-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com