Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68137IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68137IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68137IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
ISL68137
FN8757 Rev.1.00
Page 14 of 54
Jun 26, 2017
Phases are dropped one at a time with a user programmed drop
delay between drop events. As an example, suppose the delay is
set to 1ms and three phases are active. If the load suddenly
drops to a level needing only one phase, the ISL68137 will begin
by dropping a phase after 1ms. An additional phase will be
dropped each 1ms thereafter until only one phase remains.
In addition to the described load current add/drop thresholds,
the fast phase add function provides a very rapid response to
transient load conditions. This feature continuously monitors the
system regulation error and if it exceeds the user set threshold,
all dropped phases will be readied for use. In this way, there is no
delay if all phases are needed to support a load transient. The
fast phase add threshold is set in the PowerNavigator GUI. The
output current threshold for adding and dropping phases can
also be configured.
To ensure dropped phases have sufficient boot capacitor charge
to turn on the high-side MOSFET after a long period of disable, a
boot refresh circuit turns on the low-side MOSFET of each
dropped phase to refresh the boot capacitor. The frequency of
the boot refresh is programmable using PowerNavigator.
Output Voltage Configuration
Output voltage set points and thresholds for each output can be
configured with the PowerNavigator GUI. Parameters such as
output voltage, VOUT margin high/low, and VOUT OV/UV fault
thresholds can be configured with the GUI. Additionally, output
voltage and margin high/low can be adjusted during regulation
using PMBus command VOUT_COMMAND, VOUT_MARGIN_HIGH,
and VOUT_MARGIN_LOW for further tuning. The following VOUT
relationships must be maintained for correct operation:
VOUT_OV_FAULT_LIMIT > VOUT_COMMAND
(VOUT_MARGIN_HIGH and VOUT_MARGIN_LOW, if used) >
VOUT_UV_FAULT_LIMIT. Additionally, the VOUT commands are
bounded by VOUT_MAX and VOUT_MIN to provide protection
against incorrect set points being sent to the device. The
ISL68137 also incorporates AVSBus functionality for high speed
changes to the VOUT target.
Switching Frequency
The switching frequency is user configurable over a range of
200kHz to 1MHz.
Current Sensing
The ISL68137 supports DCR, resistor, and smart power stage
current sensing. Connection to the various sense elements is
accomplished through the CS and CSRTN pins. Current sensing
inputs are high impedance differential inputs to reject noise and
ground related inaccuracies.
To accommodate a wide range of effective sense resistance,
information about the effective sense resistance and required
per phase current capability is used by the GUI to properly
configure the current sense circuitry.
INDUCTOR DCR SENSING
DCR sensing takes advantage of the fact that an inductor
winding has a resistive component (DCR) that will drop a voltage
proportional to the inductor current. Figure 9 shows that the DCR
is treated as a lumped element with one terminal inaccessible
for measurement. Fortunately, a simple R-C network as shown in
Figure 10 is capable of reproducing the hidden DCR voltage. By
simply matching the R-C time constant to the L/DCR time
constant, it is possible to precisely recreate the DCR voltage
across the capacitor. This means that VDCR(t) = VC(t), thus
preserving even the high frequency characteristic of the DCR
voltage.
Modern inductors often have such low DCR values that the
resulting signal is <10mV. To avoid noise problems, care must be
taken in the PCB layout to properly place the R-C components and
route the differential lines between controller and inductor.
Figure 9 shows one PCB design method that places the R
component near the inductor VPHASE and the C component very
close to the IC pins. This minimizes routing of the noisy VPHASE
and maximizes filtering near the IC. Route the lines between the
inductor and IC as a pair on a single layer directly to the controller.
Care must be taken to avoid routing the pair near any switching
signals including Phase, PWM etc. This is the method used by
Intersil on evaluation board designs.
This method is sensing the resistance of a metal winding in
which the DCR value will increase with temperature. This must be
compensated or the sensed (and reported) current will increase
with temperature. To compensate the temperature effect, the
ISL68137 provides temperature sensing options and an internal
methodology to apply the correction.
RESISTIVE SENSING
For more accurate current sensing, a dedicated current sense
resistor RSENSE in series with each output inductor can serve as
the current sense element. This technique, however, reduces the
overall converter efficiency due to the additional power loss on
the current sense element RSENSE.
FIGURE 9. DCR SENSING CONFIGURATION
CSn
CSRTNn
C
R
DC R
L
L
DCR
R
C
VOUT
VPHASE
IC
CURRENT
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com