Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBB03 Datasheet(PDF) 1 Page - Texas Instruments

Part # DBB03
Description  Baseband ASIC for Dolphin Chipset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DBB03 Datasheet(HTML) 1 Page - Texas Instruments

  DBB03 Datasheet HTML 1Page - Texas Instruments DBB03 Datasheet HTML 2Page - Texas Instruments DBB03 Datasheet HTML 3Page - Texas Instruments DBB03 Datasheet HTML 4Page - Texas Instruments DBB03 Datasheet HTML 5Page - Texas Instruments DBB03 Datasheet HTML 6Page - Texas Instruments DBB03 Datasheet HTML 7Page - Texas Instruments DBB03 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
DESCRIPTION
DBB03
Baseband ASIC for Dolphin Chipset
SWRS027B – DECEMBER 2004 – REVISED MARCH 2005
Five Power-Saving Modes
Low Supply Voltage Range: 1.8 V to 3.6 V
Wake-Up From Standby Mode in less than 6
µs
Ultralow-Power Consumption:
16-Bit RISC Architecture, 125-ns Instruction
– Active Mode: 160 µA at 1 MHz, 2.2 V
Cycle Time
– Standby Mode: 0.9 µA
Serial Communication Interface (USART),
– Off Mode (RAM Retention) : 0.1 µA
Software Selects Asynchronous UART or
Contains Frequency-Hopping Firmware for
Synchronous SPI
Dolphin Reference Design
Available in 64-Pin Quad Flat Pack (QFP)
Firmware Resides in ROM-Based Program
For Complete Dolphin Product Description,
Memory and is Fixed
See the Dolphin Frequency Hopping Spread
Simple UART Interface to an External
Spectrum Evaluation Kit Hardware and
Host/System Microcontroller
Software User’s Guide (SLLU090)
Pre-Defined Protocol for Communication with
an External Host/System Microcontroller
The DBB03 is a baseband ASIC for the "Dolphin" reference design. The firmware for the Dolphin reference
design resides in the ROM-based program memory of the DBB03, and thus can be readily interfaced with a
TRF6903 single-chip RF Transceiver to generate a frequency hopping wireless UART "Dolphin" reference design
chipset. This is illustrated in Figure 1.
The DBB03 baseband ASIC in addition to being a RF baseband processor is also responsible for
communications with an external host/system micrcontroller. In a typical end user application, the Dolphin chipset
will be connected up to an external host/system microcontroller that will send configuration messages, RF
transmission messages into the Dolphin chipset, or receive status, RF messages received from the Dolphin
chipset.
Any catalog low-cost host/system microcontroller can be interfaced to the Dolphin chipset as long as the Dolphin
host interface protocol for communication is adhered to. (See Application Note Dolphin - Frequency Hopping
Spread Spectrum Chipset Host Interface Protocol TI Literature SWRA043) Texas Instruments recommends its
ultra-low power MSP430 series of microcontrollers to interface with Dolphin.
The interface between the DBB03 baseband ASIC and an external host/system microcontroller is a simple UART
consisting of RX and TX data lines. (See Application Note Interfacing Dolphin to an External System
Microcontroller, TI Literature SWRA045).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DBB03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DBB03A TI-DBB03A Datasheet
114Kb / 9P
Baseband ASIC for Dolphin Chipset
DBB03AIPM TI-DBB03AIPM Datasheet
114Kb / 9P
Baseband ASIC for Dolphin Chipset
DBB03AIPMR TI-DBB03AIPMR Datasheet
114Kb / 9P
Baseband ASIC for Dolphin Chipset
More results

Similar Description - DBB03

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8401 AMSCO-AS8401 Datasheet
243Kb / 11P
Multipurpose control ASIC for OMNIFET
logo
Analog Devices
AD20MSP410 AD-AD20MSP410 Datasheet
62Kb / 8P
GSM Baseband Processing Chipset
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
logo
International Rectifier
IRF7809A IRF-IRF7809A Datasheet
128Kb / 4P
Chipset for DC-DC Converters
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
Bel Fuse Inc.
APC78169 BEL-APC78169 Datasheet
108Kb / 1P
CO for Octal Chipset
logo
National Semiconductor ...
LMX2411 NSC-LMX2411 Datasheet
163Kb / 10P
Baseband Processor for Radio Communications
logo
Texas Instruments
DBB03A TI-DBB03A Datasheet
114Kb / 9P
Baseband ASIC for Dolphin Chipset
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
GPS Baseband GPS Baseband
logo
EnOcean GmbH.
STM350 ENOCEAN-STM350 Datasheet
215Kb / 1P
Dolphin Temperature and Humidity Sensor Module
Oct 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com