Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA15452 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA15452
Description  ~45째 15째 oval beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA15452 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA15452 Datasheet HTML 1Page - Ledil, Inc. FCA15452 Datasheet HTML 2Page - Ledil, Inc. FCA15452 Datasheet HTML 3Page - Ledil, Inc. FCA15452 Datasheet HTML 4Page - Ledil, Inc. FCA15452 Datasheet HTML 5Page - Ledil, Inc. FCA15452 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FCA15452_FLORENTINA-1-O
FLORENTINA-1-O
~45° 15° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
39.7x39.7 mm
Height
13 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 300 mm
Box weight
7.9 kg
Quantity in Box
840 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-CMC-O
Lens
PC
clear
FLORENTINA-1-HLD
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 25/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA15452

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA15452 CREE-FCA15452 Datasheet
182Kb / 4P
Florentina series
logo
Ledil, Inc.
FCA15452 LEDIL-FCA15452 Datasheet
1Mb / 24P
Florentina Assembly
More results

Similar Description - FCA15452

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP14968 LEDIL-FCP14968 Datasheet
7Mb / 6P
~45째 15째 oval beam
FCP15347 LEDIL-FCP15347 Datasheet
6Mb / 6P
~45째 15째 oval beam
C13460 LEDIL-C13460 Datasheet
2Mb / 4P
~45째 20째 oval beam
CA14403 LEDIL-CA14403 Datasheet
2Mb / 5P
~40째 x 15째 oval beam
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CA13637 LEDIL-CA13637 Datasheet
3Mb / 7P
~15째 x 40째 oval beam
FA10669 LEDIL-FA10669 Datasheet
1Mb / 5P
~45째 15째 oval beam optimized for CREE XP-E.
C13871 LEDIL-C13871 Datasheet
2Mb / 6P
~45째 20째 oval beam
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
~15째 50째 oval beam
CP17596 LEDIL-CP17596 Datasheet
1Mb / 4P
~35째 15째 oval beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com