Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA15453 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA15453
Description  ~40째 wide beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA15453 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA15453 Datasheet HTML 1Page - Ledil, Inc. FCA15453 Datasheet HTML 2Page - Ledil, Inc. FCA15453 Datasheet HTML 3Page - Ledil, Inc. FCA15453 Datasheet HTML 4Page - Ledil, Inc. FCA15453 Datasheet HTML 5Page - Ledil, Inc. FCA15453 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FCA15453_FLORENTINA-1-W
FLORENTINA-1-W
~40° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
39.7x39.7 mm
Height
13 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 300 mm
Box weight
7.1 kg
Quantity in Box
840 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-C-C-W-V4
Lens
PC
clear
FLORENTINA-1-HLD
Holder
PC
black
ROSE-TAPE
Tape
PU tape
black
Last update: 25/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA15453

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA15453 LEDIL-FCA15453 Datasheet
1Mb / 24P
Florentina Assembly
logo
Intelligent LED Solutio...
FCA15453_FLORENTINA-1-W ILS-FCA15453_FLORENTINA-1-W Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
More results

Similar Description - FCA15453

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP15348 LEDIL-FCP15348 Datasheet
6Mb / 5P
~40째 wide beam
FP14997 LEDIL-FP14997 Datasheet
5Mb / 8P
~40째 wide beam
C10973 LEDIL-C10973 Datasheet
1Mb / 5P
~40째 wide beam
CA11183 LEDIL-CA11183 Datasheet
1Mb / 4P
~40째 wide beam
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
~40째 wide beam.
CP12636 LEDIL-CP12636 Datasheet
3Mb / 5P
~40째 wide beam
C10923 LEDIL-C10923 Datasheet
1Mb / 6P
~40째 wide beam
C12482 LEDIL-C12482 Datasheet
15Mb / 17P
~40째 wide beam
C12501 LEDIL-C12501 Datasheet
7Mb / 7P
~40째 wide beam
C12358 LEDIL-C12358 Datasheet
1Mb / 5P
~40째 wide beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com