Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500C Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 500C
Description  Long Life, High Capacitance Screw Terminal Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 500C Datasheet HTML 4Page - Cornell Dubilier Electronics 500C Datasheet HTML 5Page - Cornell Dubilier Electronics 500C Datasheet HTML 6Page - Cornell Dubilier Electronics 500C Datasheet HTML 7Page - Cornell Dubilier Electronics 500C Datasheet HTML 8Page - Cornell Dubilier Electronics 500C Datasheet HTML 9Page - Cornell Dubilier Electronics 500C Datasheet HTML 10Page - Cornell Dubilier Electronics 500C Datasheet HTML 11Page - Cornell Dubilier Electronics 500C Datasheet HTML 12Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Type 500C 95 °C Long Life, Screw Terminal, Aluminum
Long Life, High Capacitance Screw Terminal Type
Cap.
(µF)
ESR Max. Ripple Max.
@ 25 °C
@ 85°C
Catalog Part Number
120 Hz
120 Hz
(mΩ)
(A)
Nominal Size
D x L
(inches)
75 Vdc (95 Vdc Surge)
4300
6400
8300
8600
500C432U075AA2B
50.7
5.00
500C642U075AH2B
35.0
6.50
500C832U075EA2B
55.6
5.60
500C862U075AB2B
34.0
7.10
1 3/8 x 2 1/8
1 3/8 x 2 5/8
1 3/4 x 2 1/8
1 3/8 x 3 1/8
9800
10000
11000
500C982U075EH2B
47.3
6.50
500C103U075BA2B
34.8
7.70
500C113U075AJ2B
31.1
7.80
1 3/4 x 2 5/8
2 x 2 1/8
1 3/8 x 3 5/8
11000
13000
14000
15000
16000
500C113U075BH2B
27.5
9.30
500C133U075AC2B
28.2
8.60
500C143U075EB2B
34.1
8.20
500C153U075AD2B
24.5
9.60
500C163U075BB2B
21.4
11.20
2 x 2 5/8
1 3/8 x 4 1/8
1 3/4 x 3 1/8
1 3/8 x 4 5/8
2 x 3 1/8
17000
18000
19000
19000
21000
500C173U075AE2B
22.5
10.40
500C183U075EJ2B
26.9
9.70
500C193U075AF2B
20.4
11.30
500C193U075CH2B
30.0
10.20
500C213U075EC2B
22.3
11.10
1 3/8 x 5 1/8
1 3/4 x 3 5/8
1 3/8 x 5 5/8
2 1/2 x 2 5/8
1 3/4 x 4 1/8
21000
25000
25000
26000
29000
500C213U075BJ2B
18.0
12.80
500C253U075ED2B
19.2
12.50
500C253U075BC2B
15.6
14.40
500C263U075CB2B
21.6
12.70
500C293U075EE2B
16.9
13.80
2 x 3 5/8
1 3/4 x 4 5/8
2 x 4 1/8
2 1/2 x 3 1/8
1 3/4 x 5 1/8
30000
33000
34000
34000
39000
500C303U075BD2B
13.9
15.80
500C333U075EF2B
15.2
15.10
500C343U075BE2B
12.8
17.10
500C343U075CJ2B
17.8
14.80
500C393U075BF2B
12.0
18.30
2 x 4 5/8
1 3/4 x 5 5/8
2 x 5 1/8
2 1/2 x 3 5/8
2 x 5 5/8
40000
42000
49000
51000
57000
500C403U075DB2B
18.0
15.60
500C423U075CC2B
15.1
16.70
500C493U075CD2B
13.5
18.40
500C513U075DJ2B
14.4
18.30
500C573U075CE2B
12.0
20.20
3 x 3 1/8
2 1/2 x 4 1/8
2 1/2 x 4 5/8
3 x 3 5/8
2 1/2 x 5 1/8
62000
64000
74000
85000
85000
500C623U075DC2B
12.9
20.20
500C643U075CF2B
11.2
21.50
500C743U075DD2B
11.8
21.90
500C853U075DE2B
10.4
24.10
500C853U075FC2D
11.8
23.20
3 x 4 1/8
2 1/2 x 5 5/8
3 x 4 5/8
3 x 5 1/8
3 1/2 x 4 1/8
96000
100000
100000
120000
130000
500C963U075DF2B
9.4
26.20
500C104U075DP2B
8.9
27.20
500C104U075FD2D
10.7
25.30
500C124U075FE2D
9.4
27.80
500C134U075FF2D
8.4
30.20
3 x 5 5/8
3 x 5 7/8
3 1/2 x 4 5/8
3 1/2 x 5 1/8
3 1/2 x 5 5/8
140000
500C144U075DN2D
7.7
32.10
3 x 7 5/8
Cap.
(µF)
ESR Max. Ripple Max.
@ 25 °C
@ 85°C
Catalog Part Number
120 Hz
120 Hz
(mΩ)
(A)
Nominal Size
D x L
(inches)
140000
160000
190000
220000
500C144U075FP2D
8.1
31.30
500C164U075DG2D
6.8
35.10
500C194U075FN2D
6.9
36.80
500C224U075FG2D
6.2
40.20
3 1/2 x 5 7/8
3 x 8 5/8
3 1/2 x 7 5/8
3 1/2 x 8 5/8
100 Vdc (125 Vdc Surge)
1600
2500
3800
4900
5100
500C162U100AK2B
98.4
3.30
500C252U100AA2B
60.2
4.60
500C382U100AH2B
42.7
5.90
500C492U100EA2B
62.0
5.30
500C512U100AB2B
38.2
6.70
1 3/8 x 1 5/8
1 3/8 x 2 1/8
1 3/8 x 2 5/8
1 3/4 x 2 1/8
1 3/8 x 3 1/8
5100
5800
6300
500C512U100BA2B
51.8
6.30
500C582U100EH2B
52.8
6.20
500C632U100AJ2B
33.0
7.60
2 x 2 1/8
1 3/4 x 2 5/8
1 3/8 x 3 5/8
7300
7600
8100
8900
10000
500C732U100BH2B
37.8
7.90
500C762U100AC2B
30.7
8.20
500C812U100EB2B
38.0
7.70
500C892U100AD2B
29.0
8.80
500C103U100AE2B
28.3
9.30
2 x 2 5/8
1 3/8 x 4 1/8
1 3/4 x 3 1/8
1 3/8 x 4 5/8
1 3/8 x 5 1/8
10000
10000
11000
12000
13000
500C103U100EJ2B
29.9
9.20
500C103U100BB2B
30.6
9.30
500C113U100AF2B
27.6
9.70
500C123U100CH2B
33.7
9.60
500C133U100EC2B
24.8
10.60
1 3/4 x 3 5/8
2 x 3 1/8
1 3/8 x 5 5/8
2 1/2 x 2 5/8
1 3/4 x 4 1/8
13000
15000
16000
17000
17000
500C133U100BJ2B
22.3
11.50
500C153U100ED2B
21.2
11.90
500C163U100BC2B
19.9
12.80
500C173U100EE2B
18.7
13.10
500C173U100CB2B
23.4
12.30
2 x 3 5/8
1 3/4 x 4 5/8
2 x 4 1/8
1 3/4 x 5 1/8
2 1/2 x 3 1/8
19000
20000
22000
22000
25000
500C193U100BD2B
17.7
14.10
500C203U100EF2B
16.8
14.30
500C223U100BE2B
15.6
15.50
500C223U100CJ2B
19.1
14.30
500C253U100BF2B
14.9
16.40
2 x 4 5/8
1 3/4 x 5 5/8
2 x 5 1/8
2 1/2 x 3 5/8
2 x 5 5/8
25000
27000
32000
33000
36000
500C253U100DB2B
19.9
14.90
500C273U100CC2B
16.5
16.00
500C323U100CD2B
14.7
17.60
500C333U100DJ2B
16.4
17.20
500C363U100CE2B
13.4
19.10
3 x 3 1/8
2 1/2 x 4 1/8
2 1/2 x 4 5/8
3 x 3 5/8
2 1/2 x 5 1/8
40000
41000
47000
54000
55000
500C403U100DC2B
14.4
19.10
500C413U100CF2B
12.5
20.40
500C473U100DD2B
13.0
20.90
500C543U100DE2B
12.0
22.50
500C553U100FC2D
13.4
21.80
3 x 4 1/8
2 1/2 x 5 5/8
3 x 4 5/8
3 x 5 1/8
3 1/2 x 4 1/8
62000
500C623U100DF2B
11.2
23.90
3 x 5 5/8
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com