Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LR331M400K042 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 381LR331M400K042
Description  Ultra-High Ripple Capabilities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR331M400K042 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  381LR331M400K042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR331M400K042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR331M400K042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR331M400K042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR331M400K042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR331M400K042 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities
Cap.
(uF)
Max. ESR
@ +25°C
Catalog
Part Number
120 Hz
20 kHz
(ohms)
(ohms)
Ripple Amps
@ +105°C
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
450 Vdc (500 Vdc Surge)
150
381LR151M450H032
1.327
0.594
0.88
1.26
22 x 35
150
381LR151M450J022
1.330
0.464
0.830
1.04
25 x 30
150
381LR151M450J042
0.884
0.396
1.07
1.53
25 x 40
150
381LR151M450K022
0.884
0.396
1.07
1.53
30 x 30
180
381LR181M450H042
1.110
0.500
1.00
1.43
22 x 40
180
381LR181M450K022
0.737
0.332
1.12
1.60
30 x 30
220
381LR221M450J042
0.603
0.271
1.42
2.03
25 x 40
220
381LR221M450K032
0.603
0.271
1.42
2.03
30 x 35
220
381LR221M450A022
0.603
0.271
1.42
2.03
35 x 30
270
381LR271M450K042
0.491
0.221
1.72
2.45
30 x 40
270
381LR271M450A032
0.491
0.221
1.72
2.45
35 x 35
330
381LR331M450K052
0.402
0.181
1.85
2.64
30 x 50
330
381LR331M450A042
0.402
0.181
1.85
2.64
35 x 40
390
381LR391M450A042
0.340
0.153
1.97
2.82
35 x 40
470
381LR471M450A052
0.282
0.127
2.47
3.53
35 x 50
Typical Performance Curves
Life Test 105 ⁰C, Full Load, 220 µF, 400 Vdc
Life Test 105 ⁰C, Full Load, 330 µF, 400 Vdc
Capacitance, DF, Leakage Current
Capacitance, DF, Leakage Current
35
7
DF
DCL
C
DF
DCL
C
0
500
1000
1500
2000
6
5
30
5
25
4
4
20
3
3
2
15
2
10
1
1
0
5
0
0
-1
-1
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Hours @ Rated Max Temp, Voltage, Ripple
Type 381LR Operating Life in Kilohours vs Ripple Current
1000
45 ºC
55 ºC
65 ºC
75
ºC
85 ºC
95 ºC
105 ºC
100
10
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
CDM Cornell Dubilier  140 Technology Place  Liberty, SC 29657  Phone: (864)843-2277  Fax: (864)843-3800
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com