Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P32-VME6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M25P32-VME6
Description  32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P32-VME6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M25P32-VME6 Datasheet HTML 5Page - STMicroelectronics M25P32-VME6 Datasheet HTML 6Page - STMicroelectronics M25P32-VME6 Datasheet HTML 7Page - STMicroelectronics M25P32-VME6 Datasheet HTML 8Page - STMicroelectronics M25P32-VME6 Datasheet HTML 9Page - STMicroelectronics M25P32-VME6 Datasheet HTML 10Page - STMicroelectronics M25P32-VME6 Datasheet HTML 11Page - STMicroelectronics M25P32-VME6 Datasheet HTML 12Page - STMicroelectronics M25P32-VME6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9/39
M25P32
Protection Modes
The environments where non-volatile memory de-
vices are used can be very noisy. No SPI device
can operate correctly in the presence of excessive
noise. To help combat this, the M25P32 features
the following data protection mechanisms:
■
Power On Reset and an internal timer (tPUW)
can provide protection against inadvertant
changes while the power supply is outside the
operating specification.
■
Program, Erase and Write Status Register
instructions are checked that they consist of a
number of clock pulses that is a multiple of
eight, before they are accepted for execution.
■
All instructions that modify data must be
preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch
(WEL) bit. This bit is returned to its reset state
by the following events:
–
Power-up
–
Write Disable (WRDI) instruction
completion
–
Write Status Register (WRSR) instruction
completion
–
Page Program (PP) instruction completion
–
Sector Erase (SE) instruction completion
–
Bulk Erase (BE) instruction completion
■
The Block Protect (BP2, BP1, BP0) bits allow
part of the memory to be configured as read-
only. This is the Software Protected Mode
(SPM).
■
The Write Protect (W) signal allows the Block
Protect (BP2, BP1, BP0) bits and Status
Register Write Disable (SRWD) bit to be
protected. This is the Hardware Protected
Mode (HPM).
■
In addition to the low power consumption
feature, the Deep Power-down mode offers
extra software protection from inadvertant
Write, Program and Erase instructions, as all
instructions are ignored except one particular
instruction (the Release from Deep Power-
down instruction).
Table 2. Protected Area Sizes
Note: 1. The device is ready to accept a Bulk Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are 0.
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protected Area
Unprotected Area
0
0
0
none
All sectors1 (64 sectors: 0 to 63)
0
0
1
Upper 64th (Sector 63)
Lower 63/64ths (63 sectors: 0 to 62)
0
1
0
Upper 32nd (two sectors: 62 and 63)
Lower 31/32nds (62 sectors: 0 to 61)
0
1
1
Upper sixteenth (four sectors: 60 to 63)
Lower 15/16ths (60 sectors: 0 to 59)
1
0
0
Upper eighth (eight sectors: 56 to 63)
Lower seven-eighths (56 sectors: 0 to 55)
1
0
1
Upper quarter (sixteen sectors: 48 to 63)
Lower three-quarters (48 sectors: 0 to 47)
1
1
0
Upper half (thirty-two sectors: 32 to 63)
Lower half (32 sectors: 0 to 31)
1
1
1
All sectors (64 sectors: 0 to 63)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com