| Electronic Components Datasheet Search |
|
TSL26721 Datasheet(PDF) 1 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TSL26721 Datasheet(HTML) 1 Page - ams AG |
|
1 / 46 page ![]() ams Datasheet Page 1 [v1-00] 2016-Mar-23 Document Feedback TSL2672 Digital Proximity Detector The TSL2672 family of devices provides proximity detection when coupled with an external IR LED. The devices incorporate a constant-current LED sink driver to pulse the external IR LED and achieve very low average power consumption using the low-power wait state with programmable wait time between proximity measurements. In addition, the devices are register-set and pin-compatible with the TSL2671 series and include a number of new and improved features, such as improved signal-to-noise and measurement accuracy. A proximity offset register allows compensation for optical system crosstalk between the IR LED and the sensor. To prevent false measurements, a proximity saturation bit indicates that the internal analog circuitry saturated. Interrupts have been enhanced with the addition of a sleep-after-interrupt feature that also allows for single-cycle operation. Ordering Information and Content Guide appear at end of datasheet. Key Benefits & Features The benefits and features of TSL2672, Digital Proximity Detector are listed below: Figure 1: Added Value Of Using TSL2672 • Proximity Detection with an Integrated LED Driver in a Single Device • Register Set- and Pin-Compatible with the TSL2x71 Series • Proximity Detection • Reduced Proximity Count Variation • Programmable Offset Control Register •Saturation Indicator • Programmable Analog Gain and Integration Time • Current Sink Driver for External IR LED • 16,000:1 Dynamic Range Benefits Features • Enables Operation in IR Light Environments • Patented Dual-Diode Architecture • Eliminates IR LED System Cross Talk • Programmable Proximity Offset Adjustment • Prevents False Proximity Detection in Bright Light • Proximity Saturation Indicator Bit • Allows Multiple Power-level Selection without External Passives • Programmable LED Drive Current General Description |
Similar Part No. - TSL26721 |
|
Similar Description - TSL26721 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |