Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CME0505DPC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # CME0505DPC
Description  Isolated 0.75W Single Output Isolated DC/DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CME0505DPC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  CME0505DPC Datasheet HTML 1Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 2Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 3Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 4Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 5Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 6Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 7Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 8Page - Murata Power Solutions Inc. CME0505DPC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CME Series
Isolated 0.75W Single Output Isolated DC/DC Converters
KDC_CME.B01 Page 3 of 11
www.murata-ps.com/support
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 260°C for 10 seconds. The pin termination finish
on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both
types in this series are backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs
TEMPERATURE DERATING GRAPHS
150
100
50
0
-40
0
0.75
Safe Operating Area
85°C
Ambient Temperature (°C)
150
100
50
0
-40
0
0.75
Safe Operating Area
85°C
Ambient Temperature (°C)
120°C
0303, 0305 & Short Circuit types.
All other types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com