Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C88 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CS82C88
Description  CMOS Bus Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C88 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CS82C88 Datasheet HTML 1Page - Renesas Technology Corp CS82C88 Datasheet HTML 2Page - Renesas Technology Corp CS82C88 Datasheet HTML 3Page - Renesas Technology Corp CS82C88 Datasheet HTML 4Page - Renesas Technology Corp CS82C88 Datasheet HTML 5Page - Renesas Technology Corp CS82C88 Datasheet HTML 6Page - Renesas Technology Corp CS82C88 Datasheet HTML 7Page - Renesas Technology Corp CS82C88 Datasheet HTML 8Page - Renesas Technology Corp CS82C88 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
82C88
FN2979 Rev 3.00
Page 3 of 12
August 13, 2015
Functional Description
The command logic decodes the three 80C86, 8086, 80C88,
8088, 80186, 80188 or 8089 status lines (S0, S1, S2) to
determine what command is to be issued (see Table 1).
I/O Bus Mode
The 82C88 is in the I/O Bus mode if the IOB pin is strapped
HIGH. In the I/O Bus mode, all I/O command lines IORC,
IOWC, AIOWC, INTA) are always enabled (i.e., not
dependent on AEN). When an I/O command is initiated by
the processor, the 82C88 immediately activates the
command lines using PDEN and DT/R to control the I/O bus
transceiver. The I/O command lines should not be used to
control the system bus in this configuration because no
arbitration is present. This mode allows one 82C88 Bus
Controller to handle two external busses. No waiting is
involved when the CPU wants to gain access to the I/O bus.
Normal memory access requires a “Bus Ready” signal (AEN
LOW) before it will proceed. It is advantageous to use the
IOB mode if I/O or peripherals dedicated to one processor
exist in a multi-processor system.
System Bus Mode
The 82C88 is in the System Bus mode if the IOB pin is
strapped LOW. In this mode, no command is issued until a
specified time period after the AEN line is activated (LOW).
This mode assumes bus arbitration logic will inform the bus
controller (on the AEN line) when the bus is free for use.
Both memory and I/O commands wait for bus arbitration.
This mode is used when only one bus exists. Here, both I/O
and memory are shared by more than one processor.
Command Outputs
The advanced write commands are made available to initiate
write procedures early in the machine cycle. This signal can
be used to prevent the processor from entering an
unnecessary wait state.
INTA (Interrupt Acknowledge) acts as an I/O read during an
interrupt cycle. Its purpose is to inform an interrupting device
that its interrupt is being acknowledged and that it should
place vectoring information onto the data bus.
The command outputs are:
MRDC - Memory Read Command
MWTC - Memory Write Command
IORC - I/O Read Command
IOWC - I/O Write Command
AMWC - Advanced Memory Write Command
AIOWC - Advanced I/O Write Command
INTA - Interrupt Acknowledge
Control Outputs
The control outputs of the 82C88 are Data Enable (DEN),
Data Transmit/Receive (DT/R) and Master Cascade Enable/
Peripheral Data Enable (MCE/PDEN). The DEN signal
determines when the external bus should be enabled onto
the local bus and the DT/R determines the direction of data
AMWC
8
O
ADVANCED MEMORY WRITE COMMAND: The AMWC issues a memory write command earlier in the machine
cycle to give memory devices an early indication of a write instruction. Its timing is the same as a read command
signal. AMWC is active LOW.
MWTC
9
O
MEMORY WRITE COMMAND: This command line instructs the memory to record the data present on the data
bus. This signal is active LOW.
MRDC
7
O
MEMORY READ COMMAND: This command line instructs the memory to drive its data onto the data bus. MRDC
is active LOW.
INTA
14
O
INTERRUPT ACKNOWLEDGE: This command line tells an interrupting device that its interrupt has been
acknowledged and that it should drive vectoring information onto the data bus. This signal is active LOW.
MCE/PDEN
17
O
This is a dual function pin. MCE (IOB IS TIED LOW) Master Cascade Enable occurs during an interrupt sequence
and serves to read a Cascade Address from a master 82C59A Priority Interrupt Controller onto the data bus. The
MCE signal is active HIGH. PDEN (IOB IS TIED HIGH): Peripheral Data Enable enables the data bus transceiver
for the I/O bus that DEN performs for the system bus. PDEN is active LOW.
Pin Description (Continued)
PIN
SYMBOL
NUMBER
TYPE
DESCRIPTION
TABLE 1. COMMAND DECODE DEFINITION
S2
S1
S0
PROCESSOR STATE
82C88
COMMAND
0
0
0
Interrupt Acknowledge
INTA
0
0
1
Read I/O Port
IORC
0
1
0
Write I/O Port
IOWC, AIOWC
0
1
1
Halt
None
1
0
0
Code Access
MRDC
1
0
1
Read Memory
MRDC
1
1
0
Write Memory
MWTC, AMWC
111
Passive
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com