Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500R103M350DN2MS Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 500R103M350DN2MS
Description  New Higher Ripple Current than Type 500C Screw Terminal Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500R103M350DN2MS Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  500R103M350DN2MS Datasheet HTML 1Page - Cornell Dubilier Electronics 500R103M350DN2MS Datasheet HTML 2Page - Cornell Dubilier Electronics 500R103M350DN2MS Datasheet HTML 3Page - Cornell Dubilier Electronics 500R103M350DN2MS Datasheet HTML 4Page - Cornell Dubilier Electronics 500R103M350DN2MS Datasheet HTML 5Page - Cornell Dubilier Electronics 500R103M350DN2MS Datasheet HTML 6Page - Cornell Dubilier Electronics 500R103M350DN2MS Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Type 500R 85 °C High Ripple Current, Inverter Grade, Aluminum
New Higher Ripple Current than Type 500C Screw Terminal Type
Part Numbering System
500R
103
M
350
DN
2
E
S
Type Capacitance
Tolerance
Voltage Case Code
Insulation
Terminal
Can Style
472 = 4700 µF
103= 10,000 µF
M = ±20%
U = –10%+75%
T = –10%+50%
350 = 350 Vdc
500 = 500 Vdc
0= None
1= Polyester
2= PVC
A = Low Post
B = High Post
D = High Current,
Blank=
Standard
Can
Low Post
S= Stud
E = High Current,
Bottom
High Post
P= Stud
Outline Drawing
F or M = M5 Post
G = M6 Low Post
with
Thermal
H = M6 High Post
Pad
D
S
M12
+
Standard insulation is 0.008-in PVC sleeve
H +0 -.062
(+0 -1.57)
with 0.01-in polypropylene end disk.
Polyester insulation is not available for 3.5
inch diameter units.
L
0.630” (16.0)
P
Optional Stud
Stud (Optional)
NOTE: With the stud-mount feature, a thermally-conduc-
tive disk can be inserted in the bottom fush with the
outer insulating sleeve.This reduces the thermal resistance
through the can bottom by 0.3 °C/W. Can Style P.
Terminal Dimensions
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm Thread
in
mm
in∙lb
N∙m
Low Post
2 to 3
A
0.314
8.0
0.094 2.4
10–32
0.218
5.5
25
2.82
High Post
2 to 3
B
0.314
8.0
0.281 7.1
10–32
0.375
9.5
25
2.82
High Current, Low
2½ to 3½
D
0.684
17.4
0.125 3.2
¼–28
0.344
8.7
50
5.65
High Current, High
2½ to 3½
E
0.684
17.4
0.281 7.1
¼–28
0.469
11.9
60
6.78
M5 Post, Small
1
⅜ to 2
M
0.314
8.0
0.281 7.1
M5
0.375
9.5
25
2.82
M5 Post
2½ & 3
F
0.512
13.0
0.230 5.8
M5
0.344
8.7
25
2.82
M6 Low Post
2½ to 3½
G
0.684
17.4
0.125 3.2
M6
0.344
8.7
50
5.65
M6 High Post
2½ to 3½
H
0.684
17.4
0.281 7.1
M6
0.469
11.9
60
6.78
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com