Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7640ILTZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL7640ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7640ILTZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL7640ILTZ Datasheet HTML 6Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 7Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 8Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 9Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 10Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 11Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 12Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 13Page - Renesas Technology Corp EL7640ILTZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 10 of 19
February 22, 2006
FIGURE 17. BLOCK DIAGRAM
Boost Converter
The main boost converter is a current mode PWM converter
operating at a fixed frequency. The 1.2MHz switching
frequency enables the use of low profile inductor and
multilayer ceramic capacitors, which results in a compact, low
cost power system for LCD panel design.
The boost converter can operate in continuous or
discontinuous inductor current mode. The EL7640, EL7641,
EL7642 are designed for continuous current mode, but they
can also operate in discontinuous current mode at light load. In
continuous current mode, current flows continuously in the
inductor during the entire switching cycle in steady state
operation. The voltage conversion ratio in continuous current
mode is given by:
Where D is the duty cycle of switching MOSFET.
Figure 18 shows the block diagram of the boost controller.
It uses a summing amplifier architecture consisting of GM
stages for voltage feedback, current feedback and slope
compensation. A comparator looks at the peak inductor current
cycle by cycle and terminates the PWM cycle if the current limit
is reached.
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current drawn
by the resistor network should be limited to maintain the overall
converter efficiency. The maximum value of the resistor
network is limited by the feedback input bias current and the
potential for noise being coupled into the feedback pin. A
resistor network in the order of 60k
 is recommended. The
boost converter output voltage is determined by the following
equation:
PWM
LOGIC
CONTROLLER
BUFFER
OSCILLATOR
SLOPE
COMPENSATION
OSC
REFERENCE
GENERATOR
VREF
GM
AMPLIFIER
UVLO
COMPARATOR
VOLTAGE
AMPLIFIER
CURRENT
AMPLIFIER
THERMAL
SHUTDOWN
SS
+
-
UVLO
COMPARATOR
BUFFER
UVLO
COMPARATOR
SS
+
-
SHUTDOWN
& START-UP
CONTROL
BUFFER
FBP
DRVP
FBB
CINT
DRVN
FBN
0.4V
0.2V
VREF
COMP
CURRENT
LIMIT COMPARATOR
CURRENT REF
PGND
LX
VBOOST
VIN
------------------------
1
1D
–
-------------
=
VBOOST
R1 R2
+
R1
--------------------- VREF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com