Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # AFK
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  AFK Datasheet HTML 1Page - Cornell Dubilier Electronics AFK Datasheet HTML 2Page - Cornell Dubilier Electronics AFK Datasheet HTML 3Page - Cornell Dubilier Electronics AFK Datasheet HTML 4Page - Cornell Dubilier Electronics AFK Datasheet HTML 5Page - Cornell Dubilier Electronics AFK Datasheet HTML 6Page - Cornell Dubilier Electronics AFK Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Notice and Disclaimer: All product drawings, descriptions, specifications, statements, information and
data (collectively, the “Information”) in this datasheet or other publication are subject to change. The
customer is responsible for checking, confirming and verifying the extent to which the Information con-
tained in this datasheet or other publication is applicable to an order at the time the order is placed. All
Information given herein is believed to be accurate and reliable, but it is presented without any guaran-
tee, warranty, representation or responsibility of any kind, expressed or implied. Statements of suitability
for certain applications are based on the knowledge that the Cornell Dubilier company providing such
statements (“Cornell Dubilier”) has of operating conditions that such Cornell Dubilier company regards
as typical for such applications, but are not intended to constitute any guarantee, warranty or representa-
tion regarding any such matter – and Cornell Dubilier specifically and expressly disclaims any guarantee,
warranty or representation concerning the suitability for a specific customer application, use, storage,
transportation, or operating environment. The Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any
technical advice inferred from this Information or otherwise provided by Cornell Dubilier with reference
to the use of any Cornell Dubilier products is given gratis (unless otherwise specified by Cornell Dubilier),
and Cornell Dubilier assumes no obligation or liability for the advice given or results obtained. Although
Cornell Dubilier strives to apply the most stringent quality and safety standards regarding the design
and manufacturing of its products, in light of the current state of the art, isolated component failures may
still occur. Accordingly, customer applications which require a high degree of reliability or safety should
employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies
or other appropriate protective measures) in order to ensure that the failure of an electrical component
does not result in a risk of personal injury or property damage. Although all product-related warnings,
cautions and notes must be observed, the customer should not assume that all safety measures are indi-
cated in such warnings, cautions and notes, or that other safety measures may not be required.
Type AFK –55 °C to 105 °C
Typical Performance Curves
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
100
10
0.1
ESR vs. Temperature and Frequency
100
10
1
0.1
ESR vs. Temperature and Frequency
3300 µF @6.3 Vdc (12.5 X 13.5 mm)
100 µF @ 16 Vdc (6.3 X 5.8 mm)
100
–40°C
–20°C
0°C
25°C
45°C
85°C 65°C
105°
–55°C
–40°C
–20°C
0°C
25°C
45°C
85°C
65°C
105°C
–55°C
10
1
0.1
1
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
ImpedancevsTemperatureandFrequency
3300µF/6.3V (12.5x13.5mm)
Impedance vs. Temperature and Frequency
100 µF @ 16 Vdc (6.3 X 5.8 mm)
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
10
1
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
0.1
0.01
0.001
10
100
1,000
10,000
100,000
1,000,000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Dissipation Factor vs.
Frequency (Hz)
Capacitance Change vs. Time
Temperature
(AFK Series Typical Performance)
3
5
0
-5
-10
2
1
-20
0.01
22 µF @ 6.3 Vdc (4 x 5.4 mm)
100 µF @ 6.3 Vdc ( 6.3 x 5.4 mm)
1500 µF @ 6.3 Vdc (10 x 10.2 mm)
0
0
500
1000
1500
2000
2500
3000
3500
-60
-10
40
90
140
47 µF @ 6.3 Vdc (4 X 5.8 mm)
100 µF @ 6.3 Vdc (6.3 X 5.8 mm)
1000 µF @ 6.3 Vdc (8 X 10.2 mm)
Time (Hours)
Temperature (°C)
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com.
-15
Typical Performance Curves



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com