Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3410DF331M450HPA1 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 3410DF331M450HPA1
Description  Round Snap-In Aluminum Electrolytic Capaci-
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3410DF331M450HPA1 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  3410DF331M450HPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3410DF331M450HPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3410DF331M450HPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3410DF331M450HPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3410DF331M450HPA1 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 3410 85 ºC, 4-Pin, Multipin Snap-In Aluminum Electrolytic
Part Numbering System
3410
DH
331
M
450
H
P
A2
Type
Case Code
Capacitance
Tolerance
Voltage
Terminal
Insulation
Construction
3410
See Table
331 = 330 µF
163 = 16000 µF
M = ±20%
100 = 100 Vdc
450 = 450 Vdc
H = 4 pins
J = 5 pins
(5 pins for
45 & 50 mm
dia)
P = 0.008" PVC
(factory assigned
sequence number)
Case Codes and Dimensions
Case Dimensions, Insulated Can
Case
Code
Diam. (D)
Length (L)
Typical Weight
±0.031
(in)
±0.8
(mm)
±0.062
(in)
±1.6
(mm)
(oz)
(g)
DF
1.378
35
2.05
52
2.5
72
DG
1.378
35
2.56
65
3.2
91
DH
1.378
35
3.23
82
4.1
115
DJ
1.378
35
4.21
107
5.3
151
EF
1.575
40
2.05
52
3.3
94
EG
1.575
40
2.56
65
4.2
118
EH
1.575
40
3.23
82
5.3
150
EJ
1.575
40
4.21
107
6.9
197
FF
1.772
45
2.05
52
4.2
119
FG
1.772
45
2.56
65
5.3
150
FH
1.772
45
3.23
82
6.7
190
FJ
1.772
45
4.21
107
8.8
250
GF
1.969
50
2.05
52
5.2
147
GG
1.969
50
2.56
65
6.5
185
GH
1.969
50
3.23
82
8.3
235
GJ
1.969
50
4.21
107
10.9
309



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com