Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP11001 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # FP11001
Description  ~20째 medium beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP11001 Datasheet(HTML) 4 Page - Ledil, Inc.

  FP11001 Datasheet HTML 1Page - Ledil, Inc. FP11001 Datasheet HTML 2Page - Ledil, Inc. FP11001 Datasheet HTML 3Page - Ledil, Inc. FP11001 Datasheet HTML 4Page - Ledil, Inc. FP11001 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRODUCT
DATASHEET
FP11001_LISA2-M-PIN
PHOTOMETRIC DATA (SIMULATED):
LED
SFH 4770S
FWHM
24.0°
Efficiency
96 %
Peak intensity
cd/lm
Required components:
LED
Synios P2720 1 mm
FWHM
21.0°
Efficiency
94 %
Peak intensity
3.770 cd/lm
Required components:
Last update: 17/05/2018
Subject to change without prior notice
4/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com