Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6004B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP6004B
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004B Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP6004B Datasheet HTML 3Page - Renesas Technology Corp HIP6004B Datasheet HTML 4Page - Renesas Technology Corp HIP6004B Datasheet HTML 5Page - Renesas Technology Corp HIP6004B Datasheet HTML 6Page - Renesas Technology Corp HIP6004B Datasheet HTML 7Page - Renesas Technology Corp HIP6004B Datasheet HTML 8Page - Renesas Technology Corp HIP6004B Datasheet HTML 9Page - Renesas Technology Corp HIP6004B Datasheet HTML 10Page - Renesas Technology Corp HIP6004B Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HIP6004B
FN4567 Rev 3.00
Page 7 of 15
November 9, 2004
Over-Current Protection
The over-current function protects the converter from a
shorted output by using the upper MOSFET’s on-resistance,
rDS(ON) to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating a
current sensing resistor.
The over-current function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the over-current trip level. An internal 200µA current
sink develops a voltage across ROCSET that is referenced to
VIN. When the voltage across the upper MOSFET (also
referenced to VIN) exceeds the voltage across ROCSET, the
over-current function initiates a soft-start sequence. The soft-
start function discharges CSS with a 10µA current sink and
inhibits PWM operation. The soft-start function recharges
CSS, and PWM operation resumes with the error amplifier
clamped to the SS voltage. Should an overload occur while
recharging CSS, the soft start function inhibits PWM operation
while fully charging CSS to 4V to complete its cycle. Figure 4
shows this operation with an overload condition. Note that the
inductor current increases to over 15A during the CSS
charging interval and causes an over-current trip. The
converter dissipates very little power with this method. The
measured input power for the conditions of Figure 4 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200A
typical). The OC trip point varies mainly due to the
MOSFET’s rDS(ON) variations. To avoid over-current
tripping in the normal operating load range, find the ROCSET
resistor from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for
,
where
I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6004B converter is programmed
to discrete levels between 1.8VDC and 3.5VDC. The voltage
identification (VID) pins program an internal voltage reference
(DACOUT) with a TTL-compatible 5-bit digital-to-analog
converter (DAC). The level of DACOUT also sets the PGOOD
and OVP thresholds. Table 1 specifies the DACOUT voltage
for the 32 different combinations of connections on the VID
pins. The output voltage should not be adjusted while the
converter is delivering power. Remove input power before
changing the output voltage. Adjusting the output voltage
during operation could toggle the PGOOD signal and exercise
the overvoltage protection.
‘11111’ VID pin combination resulting in a 0V output setting
activates the Power-On Reset function and disables the gate
drives circuitry. For this specific VID combination, though,
PGOOD asserts a high level. This unusual behavior has been
implemented in order to allow for operation in dual-
microprocessor systems where AND-ing of the PGOOD signals
from two individual power converters is implemented.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using
wide, short printed circuit traces. The critical components
should be located as close together as possible, using ground
plane construction or single point grounding.
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
IPEAK
IOCSET x ROCSET
rDS ON

-----------------------------------------------------
=
IPEAK IOUT MAX

I
 2
+
HIP6004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com