Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6004D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6004D
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004D Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6004D Datasheet HTML 1Page - Renesas Technology Corp HIP6004D Datasheet HTML 2Page - Renesas Technology Corp HIP6004D Datasheet HTML 3Page - Renesas Technology Corp HIP6004D Datasheet HTML 4Page - Renesas Technology Corp HIP6004D Datasheet HTML 5Page - Renesas Technology Corp HIP6004D Datasheet HTML 6Page - Renesas Technology Corp HIP6004D Datasheet HTML 7Page - Renesas Technology Corp HIP6004D Datasheet HTML 8Page - Renesas Technology Corp HIP6004D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HIP6004D
FN4855 Rev 3.00
Page 4 of 14
July 13, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
Boot Voltage, VBOOT - VPHASE . . . . . . . . . . . . . . . . . . . . . . . .+15V
Input, Output or I/O Voltage. . . . . . . . . . . .GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V 10%
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance
JA (oC/W) JC (oC/W)
SOIC Package (Note 1) . . . . . . . . . . . .
65
NA
QFN Package (Notes 2, 3). . . . . . . . . .
33
5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside. See Tech Brief TB379
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
ICC
UGATE and LGATE Open
-
5
-
mA
POWER-ON RESET
Rising VCC Threshold
VOCSET = 4.5V
-
-
10.4
V
Falling VCC Threshold
VOCSET = 4.5V
8.2
-
-
V
Rising VOCSET Threshold
-1.26-
V
OSCILLATOR
Free Running Frequency
RT = OPEN
185
200
215
kHz
Total Variation
6k
 < RT to GND < 200k
-15
-
+15
%
Ramp Amplitude
VOSC
RT = Open
-
1.9
-
VP-P
REFERENCE AND DAC
DAC (VID0-VID4) Input Low Voltage
--
0.8V
DAC (VID0-VID4) Input High Voltage
2.0
-
-
V
DACOUT Voltage Accuracy
-1.0
-
+1.0
%
ERROR AMPLIFIER
DC Gain
-88
-
dB
Gain-Bandwidth Product
GBWP
-
15
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
s
GATE DRIVERS
Upper Gate Source
IUGATE
VBOOT - VPHASE = 12V, VUGATE = 6V
350
500
-
mA
Upper Gate Sink
RUGATE
ILGATE = 0.3A
-
5.5
10
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 6V
300
450
-
mA
Lower Gate Sink
RLGATE
ILGATE = 0.3A
-
3.5
6.5
PROTECTION
Over-Voltage Trip (VSEN/DACOUT)
-
115
120
%
OCSET Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
OVP Sourcing Current
IOVP
VSEN = 5.5V, VOVP = 0V
60
-
-
mA
Soft Start Current
ISS
-10
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com