Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6004DCB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP6004DCB
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004DCB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP6004DCB Datasheet HTML 6Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 7Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 8Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 9Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 10Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 11Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 12Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 13Page - Renesas Technology Corp HIP6004DCB Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
HIP6004D
FN4855 Rev 3.00
Page 14 of 14
July 13, 2005
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
L20.5x5
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
0.02
0.05
-
A2
-
0.65
1.00
9
A3
0.20 REF
9
b
0.23
0.30
0.38
5, 8
D
5.00 BSC
-
D1
4.75 BSC
9
D2
2.95
3.10
3.25
7, 8
E
5.00 BSC
-
E1
4.75 BSC
9
E2
2.95
3.10
3.25
7, 8
e
0.65 BSC
-
k0.20
-
-
-
L
0.35
0.60
0.75
8
N20
2
Nd
5
3
Ne
5
3
P-
-
0.60
9
--
12
9
Rev. 4 11/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
 are present when
Anvil singulation method is used and not present for saw
singulation.
10. Compliant to JEDEC MO-220VHHC Issue I except for the "b"
dimension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com