Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6004E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6004E
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004E Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6004E Datasheet HTML 1Page - Renesas Technology Corp HIP6004E Datasheet HTML 2Page - Renesas Technology Corp HIP6004E Datasheet HTML 3Page - Renesas Technology Corp HIP6004E Datasheet HTML 4Page - Renesas Technology Corp HIP6004E Datasheet HTML 5Page - Renesas Technology Corp HIP6004E Datasheet HTML 6Page - Renesas Technology Corp HIP6004E Datasheet HTML 7Page - Renesas Technology Corp HIP6004E Datasheet HTML 8Page - Renesas Technology Corp HIP6004E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HIP6004E
FN4997 Rev 3.00
Page 2 of 14
November 10, 2015
Typical Application
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
PKG. DWG. #
HIP6004ECBZ
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
HIP6004ECVZ
(See Note) No longer available or
supported, recommended replacement
HIP6004ECBZ
0 to 70
20 Ld TSSOP
(Pb-free)
M20.173
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which is compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J Std-020B.
+12V
+VOUT
PGND
HIP6004E
VSEN
RT
FB
COMP
VID25mV
VID0
VID1
VID2
SS
PGOOD
D/A
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
VCC
VIN = +5V OR +12V
OVP
MONITOR AND
PROTECTION
+
-
+
-
VID3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com