Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6006CB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP6006CB
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6006CB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP6006CB Datasheet HTML 4Page - Renesas Technology Corp HIP6006CB Datasheet HTML 5Page - Renesas Technology Corp HIP6006CB Datasheet HTML 6Page - Renesas Technology Corp HIP6006CB Datasheet HTML 7Page - Renesas Technology Corp HIP6006CB Datasheet HTML 8Page - Renesas Technology Corp HIP6006CB Datasheet HTML 9Page - Renesas Technology Corp HIP6006CB Datasheet HTML 10Page - Renesas Technology Corp HIP6006CB Datasheet HTML 11Page - Renesas Technology Corp HIP6006CB Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HIP6006
FN4306 Rev.3.00
Page 9 of 12
April 1, 2005
tSW which increases the upper MOSFET switching losses.
Ensure that both MOSFETs are within their maximum junction
temperature at high ambient temperature by calculating the
temperature rise according to package thermal-resistance
specifications. A separate heatsink may be necessary
depending upon MOSFET power, package type, ambient
temperature and air flow.
Standard-gate MOSFETs are normally recommended for use
with the HIP6006. However, logic-level gate MOSFETs can be
used under special circumstances. The input voltage, upper
gate drive level, and the MOSFETs absolute gate-to-source
voltage rating determine whether logic-level MOSFETs are
appropriate.
Figure 9 shows the upper gate drive (BOOT pin) supplied by a
bootstrap circuit from VCC. The boot capacitor, CBOOT
develops a floating supply voltage referenced to the PHASE
pin. This supply is refreshed each cycle to a voltage of VCC
less the boot diode drop (VD) when the lower MOSFET, Q2
turns on. A logic-level MOSFET can only be used for Q1 if the
MOSFETs absolute gate-to-source voltage rating exceeds the
maximum voltage applied to VCC. For Q2, a logic-level
MOSFET can be used if its absolute gate-to-source voltage
rating exceeds the maximum voltage applied to PVCC.
Figure 10 shows the upper gate drive supplied by a direct
connection to VCC. This option should only be used in
converter systems where the main input voltage is +5 VDC or
less. The peak upper gate-to-source voltage is approximately
VCC less the input supply. For +5V main power and +12 VDC
for the bias, the gate-to-source voltage of Q1 is 7V. A logic-
level MOSFET is a good choice for Q1 and a logic-level
MOSFET can be used for Q2 if its absolute gate-to-source
voltage rating exceeds the maximum voltage applied to PVCC.
Schottky Selection
Rectifier D2 is a clamp that catches the negative inductor swing
during the dead time between turning off the lower MOSFET
and turning on the upper MOSFET. The diode must be a
Schottky type to prevent the lossy parasitic MOSFET body diode
from conducting. It is acceptable to omit the diode and let the
body diode of the lower MOSFET clamp the negative inductor
swing, but efficiency will drop one or two percent as a result. The
diode's rated reverse breakdown voltage must be greater than
the maximum input voltage.
PUPPER = IO2 x rDS(ON) x D + 12 Io x VIN x tSW x Fs
PLOWER = IO2 x rDS(ON) x (1 - D)
Where: D is the duty cycle = VO / VIN,
tSW is the switching interval, and
Fs is the switching frequency.
+12V
PGND
HIP6006
GND
LGATE
UGATE
PHASE
BOOT
VCC
+5V OR +12V
FIGURE 9. UPPER GATE DRIVE - BOOTSTRAP OPTION
NOTE:
VG-S  VCC - VD
NOTE:
VG-S  PVCC
CBOOT
DBOOT
Q1
Q2
PVCC
+5V
OR +12V
D2
+
-
VD
+
-
+12V
PGND
LGATE
UGATE
PHASE
BOOT
VCC
+5V OR LESS
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
NOTE:
VG-S  VCC - 5V
NOTE:
VG-S  PVCC
Q1
Q2
PVCC
+5V
OR +12V
D2
HIP6006
GND
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com