Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6501A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6501A
Description  Triple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6501A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6501A Datasheet HTML 1Page - Renesas Technology Corp HIP6501A Datasheet HTML 2Page - Renesas Technology Corp HIP6501A Datasheet HTML 3Page - Renesas Technology Corp HIP6501A Datasheet HTML 4Page - Renesas Technology Corp HIP6501A Datasheet HTML 5Page - Renesas Technology Corp HIP6501A Datasheet HTML 6Page - Renesas Technology Corp HIP6501A Datasheet HTML 7Page - Renesas Technology Corp HIP6501A Datasheet HTML 8Page - Renesas Technology Corp HIP6501A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN4749 Rev 6.00
Page 1 of 14
December 30, 2004
FN4749
Rev 6.00
December 30, 2004
HIP6501A
Triple Linear Power Controller with ACPI Control Interface
DATASHEET
The HIP6501A, paired with either the HIP6020 or HIP6021,
simplifies the implementation of ACPI-compliant designs in
microprocessor and computer applications. The IC
integrates two linear controllers and a low-current pass
transistor, as well as the monitoring and control functions
into a 16-pin SOIC package. One linear controller generates
the 3.3VDUAL voltage plane from an ATX power supply’s
5VSB output during sleep states (S3, S4/S5), powering the
PCI slots through an external pass transistor, as instructed
by the status of the 3.3VDUAL enable pin. An additional pass
transistor is used to switch in the ATX 3.3V output for PCI
operation during S0 and S1 (active) operatingstates. The
second linear controller supplies the computer system’s
2.5V/3.3V memory power through an external pass
transistor in active states. During S3 state, an integrated
pass transistor supplies the 2.5V/3.3V sleep-state power. A
third controller powers up a 5VDUAL plane by switching in
the ATX 5V output in active states, or the ATX 5VSB in sleep
states.
The HIP6501A’s operating mode (active-state outputs or
sleep-state outputs) is selectable through two control pins:
S3 and S5. Further control of the logic governing activation
of different power modes is offered through two enabling
pins: EN3VDL and EN5VDL. In active states, the 3.3VDUAL
linear regulator uses an external N-Channel pass MOSFET
to connect the output (VOUT1) directly to the 3.3V input
supplied by an ATX (or equivalent) power supply, while
incurring minimal losses. In sleep state, the 3.3VDUAL output
is supplied from the ATX 5VSB through an NPN transistor,
also external to the controller. Active state power delivery for
the 2.5/3.3VMEM output is done through an external NPN
transistor, or an NMOS switch for the 3.3V setting. In sleep
states, conduction on this output is transferred to an internal
pass transistor. The 5VDUAL output is powered through two
external MOS transistors. In sleep states, a PMOS (or PNP)
transistor conducts the current from the ATX 5VSB output,
while in active states, current flow is transferred to an NMOS
transistor connected to the ATX 5V output. Similar to the
3.3VDUAL output, the operation of the 5VDUAL output is
dictated not only by the status of the S3 and S5 pins, but that
of the EN5VDL pin as well.
Features
• Provides 3 ACPI-Controlled Voltages
- 5V Active/Sleep (5VDUAL)
- 3.3V Active/Sleep (3.3VDUAL)
- 2.5V/3.3V Active/Sleep (2.5VMEM)
• Simple Control Design - No Compensation Required
• Excellent Output Voltage Regulation
-3.3VDUAL Output: 2.0% Over Temperature; Sleep
States Only
- 2.5V/3.3V Output:
2.0% Over Temperature; Both
Operational States (3.3V setting in sleep only)
• Fixed Output Voltages Require No Precision External
Resistors
• Small Size
- Small External Component Count
• Selectable 2.5VMEM Output Voltage Via FAULT/MSEL Pin
- 2.5V for RDRAM Memory
- 3.3V for SDRAM Memory
• Under-Voltage Monitoring of All Outputs with Centralized
FAULT Reporting
• Adjustable Soft-Start Function Eliminates 5VSB
Perturbations
• Pb-Free Available (RoHS Compliant)
Pinout
HIP6501A (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP6501ACB
0 to 70
16 Ld SOIC
M16.15
HIP6501ACBZ
(Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
HIP6501AEVAL1
Evaluation Board
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which
are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
10
11
12
13
14
15
16
7
6
5
4
3
2
1
EN3VDL
3V3DLSB
S3
3V3DL
EN5VDL
5VSB
VSEN2
12V
DLA
SS
FAULT/MSEL
5VDL
S5
DRV2
GND
5VDLSB
9
8
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HIP6501A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6501A INTERSIL-HIP6501A Datasheet
140Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
2000 02
HIP6501A INTERSIL-HIP6501A Datasheet
333Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
December 30, 2004
HIP6501ACB INTERSIL-HIP6501ACB Datasheet
140Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
2000 02
HIP6501ACB INTERSIL-HIP6501ACB Datasheet
333Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
December 30, 2004
HIP6501ACBZ INTERSIL-HIP6501ACBZ Datasheet
333Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
December 30, 2004
More results

Similar Description - HIP6501A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6501A INTERSIL-HIP6501A Datasheet
140Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
2000 02
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6501A INTERSIL-HIP6501A_04 Datasheet
333Kb / 14P
Triple Linear Power Controller with ACPI Control Interface
December 30, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com