Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB564 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 29Page - Texas Instruments TUSB564 Datasheet HTML 30Page - Texas Instruments TUSB564 Datasheet HTML 31Page - Texas Instruments TUSB564 Datasheet HTML 32Page - Texas Instruments TUSB564 Datasheet HTML 33Page - Texas Instruments TUSB564 Datasheet HTML 34Page - Texas Instruments TUSB564 Datasheet HTML 35Page - Texas Instruments TUSB564 Datasheet HTML 36Page - Texas Instruments TUSB564 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
SBU1
SBU2
AUXn
AUXp
TUSB564
SBU2
SBU1
AUXP
AUXN
PD Controller
SBU2
SBU1
1M (+/-5%)
1M (+/-5%)
AUXP
AUXN
SRC_DET#
SRC_DET
100nF
100nF
DP SINK
3.3V
Make AUX connections as short as
possible to minimize stub effects
DP0
DP1
DP2
DP3
TX1
RX1
RX2
TX2
ML0
ML1
ML2
ML3
Copyright © 2017, Texas Instruments Incorporated
2M
2M
33
TUSB564
www.ti.com
SLLSF29C – OCTOBER 2017 – REVISED FEBRUARY 2018
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
9.2.3 Support for DisplayPort UFP_D Pin Assignment E
The TUSB564 device can be used in a system that handles DisplayPort UFP_D Pin Assignment E use-case if
special measures are taken as described below. With UFP_D Pin Assignment E, the polarity of both the main
link and AUX signals is inverted on the Type-C receptacle pins relative to Pin Assignment C. Moreover, on the
Type-C receptacle, the location of Lane 0 is swapped with Lane 1 and that of Lane 2 is swapped with Lane 3
relative to Pin Assignment C. For correct reception of the DisplayPort video signal, the system has to
comprehend the above-described signaling variation.
The use of the TUSB564 device in a system that handles Pin Assignment E depends on whether AUX-to-SBU
switching of the DisplayPort AUX signal is performed internally by the TUSB564 or by external devices such as a
PD controller. It also depends on the configuration mode used: I2C Mode or GPIO Mode. In all those scenarios
the TUSB564 passes the polarity of the Main Link signals as received. The DisplayPort sink has to handle the
polarity inversion of those signals. Moreover, the DisplayPort sink has to handle the lane swapping with the
following lane-to-pin mapping as received by the TUSB564 device: Lane 0
→ DP1, Lane 1 → DP0, Lane 2 →
DP3, and Lane 3
→ DP2.
The use-case with the AUX-to-SBU switching performed internally by the TUSB564 device is shown in Figure 28.
If the TUSB564 device configuration is through the I2C Mode, AUX snooping has to be disabled by setting
AUX_SNOOP_DISABLE register 0x13[7] = 1'b1, and manual AUX-to-SBU switching has to be performed
through the AUX_SBU_OVR register 0x13[5:4]: AUX_SBU_OVR = 2’b01 for normal USB Type-C plug
orientation, or AUX_SBU_OVR = 2’b10 for flipped USB Type-C plug orientation when Pin Assignment E signals
are received. If the TUSB564 device configuration is through the GPIO Mode, all 4 DisplayPort lanes are
automatically activated. The DisplayPort sink device has to handle the polarity inversion of both the AUX and
Main Link signals as well as main link lane swapping.
Figure 28. DisplayPort AUX Connections for UFP_D Pin Assignment E with Internal AUX Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com