Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1592 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1592
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1592 Datasheet HTML 1Page - Semtech Corporation SC1592 Datasheet HTML 2Page - Semtech Corporation SC1592 Datasheet HTML 3Page - Semtech Corporation SC1592 Datasheet HTML 4Page - Semtech Corporation SC1592 Datasheet HTML 5Page - Semtech Corporation SC1592 Datasheet HTML 6Page - Semtech Corporation SC1592 Datasheet HTML 7Page - Semtech Corporation SC1592 Datasheet HTML 8Page - Semtech Corporation SC1592 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC1592
Low Dropout High Performance
Adjustable Positive Voltage Regulator
Revision: January 27, 2004
Description
Features
Applications
Typical Application Circuit
The SC1592 is a 3A low dropout high performance
linear voltage regulator, that provides a low voltage, high
current output with a minimum of external components,
utilizing dual supply configuration.
The SC1592 offers a wide input voltage range from 1.25V
to 16V and is ideal for applications that need to convert
down to 0.8V.
Additionally, the SC1592 is fully protected with an exter-
nally programmable current limit, and thermal shutdown.
Also, there is an EN input which enables or shuts down
the device.
The SC1592 voltage regulator is available in 7-lead DDPAK
and SOIC-8L EDP packages.
Wide input range, V
IN = 1.25V to 16V,
V
CNTL = 3V to 16V
3A Guaranteed Output Current
260mV (typ) @ 3A dropout voltage in dual supply
mode
1% Initial Accuracy
Adjustable output voltage, down to 0.8V
Programmable current limiting and thermal
shutdown
Fast transient response
Excellent line and load regulation
Power SO-8 and 7-lead DDPAK
Low voltage logic supplies
Microprocessor and chipset supplies
Split plane microprocessor supplies
Advanced graphics cards supplies
Sound cards and auxiliary power supplies
SMPS post regulator
C1
1uF
C2
10uF
R1
100
C3
47uF(cer)
R3
53
R2
66.5
+1.8V Vout
+3.3V Vcntl
+2.5V Vin
SC1592
CNTL
IN
OUT
SENSE
ILIM
EN
GND
TTL
.
typ
V
8
.
0
V
V
)
3
R
2
R
1
(
V
REF
REF
OUT
=
•
+
=


Similar Part No. - SC1592

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC1592ISTRT SAMTEC-SC1592ISTRT Datasheet
740Kb / 19P
Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
Semtech Corporation
SC1592M SEMTECH-SC1592M Datasheet
520Kb / 12P
Low Dropout High Performance Adjustable Positive Voltage Regulator
SC1592MSTRT SEMTECH-SC1592MSTRT Datasheet
520Kb / 12P
Low Dropout High Performance Adjustable Positive Voltage Regulator
More results

Similar Description - SC1592

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Samtec, Inc
SC1592ISTRT SAMTEC-SC1592ISTRT Datasheet
740Kb / 19P
Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
Adjustable Low Dropout Positive Voltage Regulator
logo
Solid States Devices, I...
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
logo
Semtech Corporation
SC1592M SEMTECH-SC1592M Datasheet
520Kb / 12P
Low Dropout High Performance Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com