Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF2NK60Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF2NK60Z
Description  Zener-Protected SuperMESH MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF2NK60Z Datasheet(HTML) 2 Page - STMicroelectronics

  STF2NK60Z Datasheet HTML 1Page - STMicroelectronics STF2NK60Z Datasheet HTML 2Page - STMicroelectronics STF2NK60Z Datasheet HTML 3Page - STMicroelectronics STF2NK60Z Datasheet HTML 4Page - STMicroelectronics STF2NK60Z Datasheet HTML 5Page - STMicroelectronics STF2NK60Z Datasheet HTML 6Page - STMicroelectronics STF2NK60Z Datasheet HTML 7Page - STMicroelectronics STF2NK60Z Datasheet HTML 8Page - STMicroelectronics STF2NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STQ2NK60ZR-AP - STP2NK60Z - STF2NK60Z - STD2NK60Z-1
2/16
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤ 1.4A, di/dt ≤ 200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(*) Limited only by maximum temperature allowed
Table 4: Thermal Data
Table 5: Avalanche Characteristics
Table 6: Gate-Source Zener Diode
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
TO-220 /
IPAK
TO-92
TO-220FP
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
1.4
0.4
1.4 (*)
A
ID
Drain Current (continuous) at TC = 100°C
0.77
0.25
0.77 (*)
A
IDM ( )
Drain Current (pulsed)
5.6
1.6
5.6 (*)
A
PTOT
Total Dissipation at TC = 25°C
45
3
20
W
Derating Factor
0.36
0.025
0.16
W/°C
VESD(G-S)
Gate source ESD (HBM-C= 100pF, R=1.5k
Ω)
1500
V
VISO
Insulation Withstand Voltage (DC)
2500
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
TO-220/IPAK
TO-220FP
TO-92
Unit
Rthj-case
Thermal Resistance Junction-case Max
2.77
6.25
--
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
100
120
°C/W
Rthj-lead
Thermal Resistance Junction-lead Max
--
--
40
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
260
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
1.4
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
90
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate source
Breakdown Voltage
Igs= ± 1 mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com