Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAS262M060AD0C Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # THAS262M060AD0C
Description  High Energy Density, REACH and RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

THAS262M060AD0C Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  THAS262M060AD0C Datasheet HTML 1Page - Cornell Dubilier Electronics THAS262M060AD0C Datasheet HTML 2Page - Cornell Dubilier Electronics THAS262M060AD0C Datasheet HTML 3Page - Cornell Dubilier Electronics THAS262M060AD0C Datasheet HTML 4Page - Cornell Dubilier Electronics THAS262M060AD0C Datasheet HTML 5Page - Cornell Dubilier Electronics THAS262M060AD0C Datasheet HTML 6Page - Cornell Dubilier Electronics THAS262M060AD0C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vibration
Mounting: Vibration capability is dependent upon mounting restraint.
MIL-STD-202, Meth. 204, Sine Swept, IEC 60068-2-6
All Sizes = 10g
MIL-STD-202, Meth. 204, Condition H
Vibration Test
Level
The specimens, while deenergized or operating under the load conditions
specified, shall be subjected to the vibration amplitude, frequency range,
and duration specified for each case size.
Amplitude
The specimens shall be subjected to a simple harmonic motion having an
amplitude of either 0.06-inch double amplitude (maximum total excursion)
or peak level specified above, whichever is less. The tolerance on vibration
amplitude shall be ±10 percent.
Frequency Range
The vibration frequency shall be varied logarithmically between the
approximate limits of 10 to 2,000 Hz.
Sweep Time and Duration
The entire frequency range of 10 to 2,000 Hz and return to 10 Hz shall be
traversed in 20 minutes. This cycle shall be performed 12 times in each
of three mutually perpendicular directions (total of 36 times), so that
the motion shall be applied for a total period of approximately 12 hours.
Interruptions are permitted provided the requirements for rate of change
and test duration are met.
Thermal Resistance
Thermal Resistance (°C/W) by Case Length
# of Sides
heatsinked Insulation 36.4 (mm) 45.9 (mm) 53.8 (mm) 66.5 (mm)
One Side
Bare can
6.60
5.20
4.44
3.60
Polyester
7.78
6.13
5.24
4.24
Both Sides
Bare can
4.95
3.87
3.30
2.66
Polyester
5.54
4.34
3.70
2.98
Typical Weight
Case AA - 19g, Case AB - 22g, Case AC - 26g, Case AD - 34g
Terminals
20 AWG copper wire with tin electroplate, 15 amps max
Case Material
Aluminum with a Stainless Steel Sleeve
Ripple Current Capability
The max ripple current capability is set by the target core temperature of
105 ºC. The Peak to Peak ac must be less than Vr/5 max.
Air Cooled
The ripple currents in the ratings tables are for 85 ºC ambient temperatures.
Heatsink Cooled
Temperature rise from the hottest internal spot, the core, to ambient air is
∆T = I2(Max ESR)(θcc + θca), recommended max ∆T of 20 ºC
where θcc is the thermal resistance from core to case and θca from case to
ambient. To calculate maximum ripple capability with the THAS attached to
a heatsink use the maximum core temperature and the values for θcc.
Example
As an illustration, suppose you operate an noninsulated
THAS112M060AA0C in 85 ºC air and attach it to a commercial heatsink
with a free-air thermal resistance of 2.7 ºC/W. Use a good thermal grease
between the capacitor and the heatsink, and the total thermal resistance
is 2.7 + 6.6 or 9.3 º C/W. The power which would heat the core to 105 °C is
(105 - 85)/9.3 or 2.15 W. For an ESR of 117 mΩ, 2 .15 W equates to a ripple
current of 4.28 A.
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type THAS,ThinPack, Aluminum Electrolytic Capacitor, 105 ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com