Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPX331M250A5P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # LPX331M250A5P3
Description  High Voltage, High Value Radial Leaded Snap-In
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LPX331M250A5P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  LPX331M250A5P3 Datasheet HTML 1Page - Cornell Dubilier Electronics LPX331M250A5P3 Datasheet HTML 2Page - Cornell Dubilier Electronics LPX331M250A5P3 Datasheet HTML 3Page - Cornell Dubilier Electronics LPX331M250A5P3 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LPX 85 ºC Radial Snap-In Aluminum Electrolytic Capacitors
Type LPX radial leaded snap-in aluminum electrolytic
capacitors are a compact design for high density pack-
agingandareidealforhighvoltage,switchmodepower
supply input filtering applications.
High Voltage, High Value Radial Leaded Snap-In
High voltage
High Capacitance
85 ºC
Good for input filtering in consumer applications
22 to 35 mm diameter with 10 mm lead spacing
Highlights
Specifications
56 to 2,700 µF
160 to 450 Vdc
±20%
–40 ºC to +85 ºC
I = 3√CV
C = capacitance in µF
V = rated voltage
I = leakage current in µA
Part Numbering System
For values that are >1000 µF, the DF (%) increases
2% for every additional 1000 µF
Diameter
Length
mm
25
30
35
40
45
50
(in.) (1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22 (.87)
A1
A3
A5
A7
A4
A9
25 (1.00) C1
C3
C5
C7
C4
C9
30 (1.18) E1
E3
E5
E7
E4
E9
35 (1.38) H1
H3
H5
H7
H4
H9
LPX
471
M
160
C1
P
3
Case
Polarity
Insulating
Type
Cap
Tolerance Voltage
Code
Sleeve
LPX
471 = 470 µF
±20%
160 = 160
P
3 = PVC or PET
272 = 2,700 µF
DF at 120 Hz, +25 ºC
Vdc
160 -250
400 - 450
DF (%)
30
25
Rated
Ripple Multipliers
Vdc
120 Hz
1 kHz
10 to 50 kHz
160 to 250
1.00
1.05
1.10
315 to 450
1.00
1.15
1.20
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
Dissipation Factor:
DC Leakage Test:
Frequency Ripple Multipliers:
Temperature Ripple Multipliers:
Temperature
Ripple Multiplier
+75 ºC
1.60
+65 ºC
2.20
+55 ºC
2.60
+55 ºC
3.00
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).
(PET for all
date codes
after October
2017)


Similar Part No. - LPX331M250A5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX331M250A5P3 CDE-LPX331M250A5P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX331M250A5P3 CDE-LPX331M250A5P3 Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPX331M250A5P3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
GST1210 WILLOW-GST1210 Datasheet
924Kb / 2P
High Value Resistors radial leaded
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
NIC-Components Corp.
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZN NIC-NEDZN Datasheet
240Kb / 3P
Radial Leaded & Snap-in Back-Up Capacitors
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
Radial Leaded & Snap-in Back-Up Capacitors
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
logo
Vishay Siliconix
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
20-Apr-2021
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
19-Jul-2021
logo
Stackpole Electronics, ...
HVR SEI-HVR Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com