Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898124EP2XC Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC898124EP2XC
Description  Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898124EP2XC Datasheet(HTML) 2 Page - ON Semiconductor

  LC898124EP2XC Datasheet HTML 1Page - ON Semiconductor LC898124EP2XC Datasheet HTML 2Page - ON Semiconductor LC898124EP2XC Datasheet HTML 3Page - ON Semiconductor LC898124EP2XC Datasheet HTML 4Page - ON Semiconductor LC898124EP2XC Datasheet HTML 5Page - ON Semiconductor LC898124EP2XC Datasheet HTML 6Page - ON Semiconductor LC898124EP2XC Datasheet HTML 7Page - ON Semiconductor LC898124EP2XC Datasheet HTML 8Page - ON Semiconductor LC898124EP2XC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LC898124EP2XC
www.onsemi.com
2
Block Diagram
MON1
SW0
SW2
AIN0
AIN1
AIN2
AIN3
SW3
SW4
MON2
ADC
DAC
OPINPY
OPINMY
OPINPX
OPINMX
HLYBO
HLXBO
VGAX
VGAY
DAC Ctrl
ADC Ctrl
System Ctrl
Work RAM: DMA0
Work RAM: DMB
Program ROM
DMA0
DMB
DSP
SPI
(master)
(D-Gyro I/F)
Current Linear
Ctrl
E2PROM I/F
EEPROM
H-Bridge
Driver
Monitor
OSC
Clock Divider
MONA
MONB
MONC
MOND
SCL
SDA
SDA
SCL
SCL2(NC)
DGSSB
DGSCLK
DGDATA
EIRQ
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
VM
PGND
POR
LDO
Typ. 1.59V
AVDD30
AVSS
HOST
CPU
(master)
Digital
Gyro
(slave)
Hall
X
Hall
Y
Port
I2C
(slave)
DAC
LDOPO(DVDD15)
C1
Program RAM
INT
SW1
CMOS
Sensor
SW5
SW6
SW7
SW8
SW9
SW10
SW11
SW12
1.8V – AVDD30
Work RAM: DMA1
DMA1
1.8V
C1
MON1
IOUT0 IOUT1
AOUT0 AOUT1
1.8V
LDO
Typ. 1.8V
LDOPO2(DVDD18)
1uF
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com