Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6508ATT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA6508ATT
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6508ATT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA6508ATT Datasheet HTML 5Page - NXP Semiconductors TDA6508ATT Datasheet HTML 6Page - NXP Semiconductors TDA6508ATT Datasheet HTML 7Page - NXP Semiconductors TDA6508ATT Datasheet HTML 8Page - NXP Semiconductors TDA6508ATT Datasheet HTML 9Page - NXP Semiconductors TDA6508ATT Datasheet HTML 10Page - NXP Semiconductors TDA6508ATT Datasheet HTML 11Page - NXP Semiconductors TDA6508ATT Datasheet HTML 12Page - NXP Semiconductors TDA6508ATT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
2005 Mar 25
9
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
Table 1
I2C-bus data format for write mode
Note
1. X = don’t care.
Table 2
Function of write mode bits used in Table 1
Table 3
Module address selection bits
NAME
BYTE
BITS(1)
MSB
LSB
Address byte
ADB
11000MA1
MA0
R/W=0
Divider byte 1
DB1
0
N14
N13
N12
N11
N10
N9
N8
Divider byte 2
DB2
N7
N6
N5
N4
N3
N2
N1
N0
Control byte
CB
1
CP
T2
T1
T0
RSA
RSB
WSB
Band switch byte
BB
XXXP4
P3
P2
P1
P0
BIT
FUNCTION
MA1 and MA0
module address; see Table 3
R/W
read/write mode; 0 = write mode
N14 to N0
programmable divider bits: N = N14
× 214 + N13 × 213 + ... + N1 × 21 + N0
CP
charge-pump current control:
0: charge-pump current is 20
µA
1: charge-pump current is 100
µA
T2, T1 and T0
test mode; see Table 5
RSA and RSB
reference divider ratio; see Table 4
WSB
Weak Signal Booster control:
0: normal mode - no gain increase: external IF filter used
1: Weak Signal Booster activated: IF filter by-passed
P0, P1, P2, P3, P4
port P0 to P4 control:
0: corresponding port is off; high impedance state (default)
1: corresponding port is on.
MA1
MA0
VOLTAGE APPLIED TO PIN AS
0
0
0 V to 0.1VCC
0
1
0.2VCC to 0.3VCC or open-circuit
1
0
0.4VCC to 0.6VCC
1
1
0.9VCC to 1.0VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com