Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10364 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10364
Description  ~50째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10364 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10364 Datasheet HTML 1Page - Ledil, Inc. C10364 Datasheet HTML 2Page - Ledil, Inc. C10364 Datasheet HTML 3Page - Ledil, Inc. C10364 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C10364_NIS83-MX-3-W
NIS83-MX-3-W
~50° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50 mm
Height
15.3 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
364 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
NIS83-MX-3-W
Lens array
PMMA
clear
Last update: 06/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C10364

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10365 LEDIL-C10365 Datasheet
302Kb / 3P
Martha Lens array
C10366 LEDIL-C10366 Datasheet
158Kb / 3P
Martha Lens array
C10366 LEDIL-C10366 Datasheet
3Mb / 4P
~14째 smooth spot beam
C10366 LEDIL-C10366_18 Datasheet
3Mb / 4P
~14째 smooth spot beam
C10367 LEDIL-C10367 Datasheet
279Kb / 3P
Martha Lens array
More results

Similar Description - C10364

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13402 LEDIL-F13402 Datasheet
18Mb / 33P
~50째 wide beam
C10387 LEDIL-C10387 Datasheet
1Mb / 4P
~50째 wide beam
CN17388 LEDIL-CN17388 Datasheet
4Mb / 4P
~50째 wide beam
CN17386 LEDIL-CN17386 Datasheet
2Mb / 4P
~50째 wide beam
DAISY-2X2-W LEDIL-DAISY-2X2-W Datasheet
5Mb / 7P
~50째 wide beam
DAISY-8X1-W-MATT LEDIL-DAISY-8X1-W-MATT Datasheet
3Mb / 5P
~50째 wide beam
C12767 LEDIL-C12767 Datasheet
1Mb / 4P
~50째 wide beam
CA14442 LEDIL-CA14442 Datasheet
10Mb / 14P
~50째 wide beam
FA11207 LEDIL-FA11207 Datasheet
2Mb / 6P
~50째 wide beam
C14928 LEDIL-C14928 Datasheet
1Mb / 5P
~50째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com