Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11917 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11917
Description  ~40째 20째 oval beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11917 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11917 Datasheet HTML 1Page - Ledil, Inc. C11917 Datasheet HTML 2Page - Ledil, Inc. C11917 Datasheet HTML 3Page - Ledil, Inc. C11917 Datasheet HTML 4Page - Ledil, Inc. C11917 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C11917_SATU-O
SATU-O
~40° 20° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.8 mm
Height
8.9 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
2880 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SATU-O
Lens array
PMMA
clear
Last update: 27/01/2015
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C11917

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11916 LEDIL-C11916 Datasheet
1Mb / 4P
~19째 spot beam
logo
Cree, Inc
C11918 CREE-C11918 Datasheet
1Mb / 21P
Strada series
logo
Ledil, Inc.
C11918 LEDIL-C11918 Datasheet
2Mb / 7P
Soft wide beam with good illuminance uniformity
More results

Similar Description - C11917

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP15306 LEDIL-CP15306 Datasheet
3Mb / 5P
~40째 x 20째 oval beam and holder with location pins
C13460 LEDIL-C13460 Datasheet
2Mb / 4P
~45째 20째 oval beam
C14250 LEDIL-C14250 Datasheet
4Mb / 5P
~40째 20째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
C16673 LEDIL-C16673 Datasheet
2Mb / 5P
~20째 40째 oval beam
CA16674 LEDIL-CA16674 Datasheet
8Mb / 8P
~20째 40째 oval beam
C13297 LEDIL-C13297 Datasheet
4Mb / 9P
40째 20째 oval beam optimized for CREE XT-E
C13871 LEDIL-C13871 Datasheet
2Mb / 6P
~45째 20째 oval beam
CN14811 LEDIL-CN14811 Datasheet
5Mb / 11P
~60째 20째 oval beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com