Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12353 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12353
Description  ~90째 170째 wide area beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12353 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12353 Datasheet HTML 1Page - Ledil, Inc. C12353 Datasheet HTML 2Page - Ledil, Inc. C12353 Datasheet HTML 3Page - Ledil, Inc. C12353 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C12353_LOTTA-A2
LOTTA-A2
~90° 170° wide area beam
TECHNICAL SPECIFICATIONS:
Dimensions
20 + 15 mm
Height
3.6 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
3168 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LOTTA-A2
Lens
PMMA
clear
Last update: 21/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C12353

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12358 CREE-C12358 Datasheet
121Kb / 3P
Tyra series
logo
Ledil, Inc.
C12358 LEDIL-C12358 Datasheet
1Mb / 5P
~40째 wide beam
logo
Cree, Inc
C12359 CREE-C12359 Datasheet
302Kb / 5P
Tyra series
logo
Ledil, Inc.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results

Similar Description - C12353

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16593 LEDIL-CS16593 Datasheet
6Mb / 5P
~90째 wide beam
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
C11518 LEDIL-C11518 Datasheet
1Mb / 4P
~170째 wide area beam
CA11519 LEDIL-CA11519 Datasheet
2Mb / 5P
~170째 wide area beam. Assembly with installation tape.
CA12396 LEDIL-CA12396 Datasheet
1Mb / 4P
~90째 170째 wide area beam. Assembly with installation tape.
C16613 LEDIL-C16613 Datasheet
2Mb / 4P
~90째 wide beam
CS16781 LEDIL-CS16781 Datasheet
2Mb / 5P
~90째 wide beam
F16455 LEDIL-F16455 Datasheet
5Mb / 5P
~90째 wide beam
C13526 LEDIL-C13526 Datasheet
1Mb / 4P
~90째 wide beam
CS17134 LEDIL-CS17134 Datasheet
18Mb / 4P
~90째 wide beam.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com