Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16123 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16123
Description  ~11째 spot beam with flange
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16123 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16123 Datasheet HTML 1Page - Ledil, Inc. C16123 Datasheet HTML 2Page - Ledil, Inc. C16123 Datasheet HTML 3Page - Ledil, Inc. C16123 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16123_OLGA-S
OLGA-S
~11° spot beam with flange
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 30 mm
Height
18.5 mm
Fastening
glue
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
7.3 kg
Quantity in Box
792 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
OLGA-S
Lens
PMMA
clear
Last update: 07/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16123

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1612 GENERAL-C1612 Datasheet
73Kb / 1P
CONTROL CABLE
logo
Ledil, Inc.
C16124 LEDIL-C16124 Datasheet
2Mb / 3P
~30째 medium beam with flange
C16125 LEDIL-C16125 Datasheet
1Mb / 3P
~40째 wide beam with flange
More results

Similar Description - C16123

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10595 LEDIL-CA10595 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCX10856 LEDIL-FCX10856 Datasheet
1Mb / 4P
~11째 spot beam for LUXEON Rebel. Assembly with white holder.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA11977 LEDIL-CA11977 Datasheet
1Mb / 4P
~11째 smooth spot beam optimized for Nichia 19.
CX11645 LEDIL-CX11645 Datasheet
4Mb / 4P
~11째 smooth spot beam optimized for LUXEON Rebel
CA11387 LEDIL-CA11387 Datasheet
1Mb / 7P
~11째 smooth spot beam
C10710 LEDIL-C10710 Datasheet
2Mb / 4P
~11째 spot beam with 1.5 mm high location pins
CA13630 LEDIL-CA13630 Datasheet
8Mb / 11P
~11째 smooth spot beam
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
FA10668 LEDIL-FA10668 Datasheet
1Mb / 5P
~11째 spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com