Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6359B Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U6359B
Description  Frequency Synthesizer for TV Tuner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6359B Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U6359B Datasheet HTML 1Page - TEMIC Semiconductors U6359B Datasheet HTML 2Page - TEMIC Semiconductors U6359B Datasheet HTML 3Page - TEMIC Semiconductors U6359B Datasheet HTML 4Page - TEMIC Semiconductors U6359B Datasheet HTML 5Page - TEMIC Semiconductors U6359B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U6359B
TELEFUNKEN Semiconductors
Rev. A1, 18-Sep-96
3 (6)
Electrical Characteristics
VS = 5 V, Tamb = 25°C, reference point pin 8, 16, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
ECL
Pin 18
VS1
4.5
5
5.5
V
I2L
Pin 5
VS2
4.5
5
5.5
V
Supply current
ECL
Pin 18
IS1
26
36
46
mA
I2L
Pin 5
IS2
7
11
16
mA
Input sensitivity
Pin 15
Vi
10
mV
Large signal compatibility
Pin 15
Vi
300
mV
Program scaling factor
T
1024
16383
Maximum voltage
band switch outputs
Pins 11, 12, 13 and 14
Vmax
12
V
Input level Data, Clock,
Enable, Test 1, Test 2
VIH
3.0
V
,,
VIL
0.8
V
Output level (Test mode)
Data, Clock
VOH
3.8
V
,
VOL
0.5
V
Calculation of the Oscillator Frequency
fOSC =fref
8
T
fOSC :
Locked oscillator frequency
fref
:
Reference frequency 4 MHz/ 512 = 7.8125 kHz
T
:
Programmable scaling factor
Bus Data Format
4
321
MSB
LSB
Port
4 Bit
14 Bit Scaling factor T
Data
Clock
Enable
Time
12597
Figure 3.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com