Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12787 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12787
Description  Asymmertric beam for catenary lighting. Symmetric IESNA Type I (medium) beam for narrow roads and paths with long pole distance and tilted armature. Assembly with installation tape.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12787 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12787 Datasheet HTML 1Page - Ledil, Inc. CA12787 Datasheet HTML 2Page - Ledil, Inc. CA12787 Datasheet HTML 3Page - Ledil, Inc. CA12787 Datasheet HTML 4Page - Ledil, Inc. CA12787 Datasheet HTML 5Page - Ledil, Inc. CA12787 Datasheet HTML 6Page - Ledil, Inc. CA12787 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA12787_STRADA-K
STRADA-K
Asymmertric
beam
for
catenary
lighting.
Symmetric IESNA Type I (medium)
beam for
narrow roads and paths with long pole distance
and tilted armature. Assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
8.8 mm
Fastening
tape, pin
Colour
clear
Box size
Box weight
6.1 kg
Quantity in Box
3360 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-K
Lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
Last update: 15/05/2018
Subject to change without prior notice
1/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12787

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
Flare series
logo
Ledil, Inc.
CA12764 LEDIL-CA12764 Datasheet
3Mb / 9P
~100째 x 20째 oval beam
More results

Similar Description - CA12787

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA13093 LEDIL-FA13093 Datasheet
4Mb / 5P
~30째 medium beam. Assembly with holder and installation tape.
CA13474 LEDIL-CA13474 Datasheet
1Mb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths with long pole distance and tilted armature. Optimized for CREE XT-E. Assembly with installation tape.
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
Oval beam for area lighting. Assembly with installation tape.
C12786 LEDIL-C12786 Datasheet
1Mb / 5P
Asymmertric beam for catenary lighting.
C13471 LEDIL-C13471 Datasheet
1Mb / 4P
Symmetric IESNA Type I (medium) beam
C16395 LEDIL-C16395 Datasheet
2Mb / 3P
Symmetric IESNA Type I (medium) beam
C10818 LEDIL-C10818 Datasheet
1,010Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
C12219 LEDIL-C12219 Datasheet
916Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
CA10823 LEDIL-CA10823 Datasheet
1Mb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com