Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA14942 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14942
Description  ~35째 wide beam. Assembly with location pins and installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14942 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14942 Datasheet HTML 1Page - Ledil, Inc. CA14942 Datasheet HTML 2Page - Ledil, Inc. CA14942 Datasheet HTML 3Page - Ledil, Inc. CA14942 Datasheet HTML 4Page - Ledil, Inc. CA14942 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA14942_MINNIE-LT-W-PIN
MINNIE-LT-W-PIN
~35° wide beam. Assembly with location pins
and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35 mm
Height
15.6 mm
Fastening
tape, pin
Colour
metal
Box size
480 x 280 x 300 mm
Box weight
3.6 kg
Quantity in Box
720 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
MINNIE-LT-W-PIN
Reflector
PC
metal
SPUTNIK-TAPE3
Tape
PU tape
black
Last update: 07/04/2017
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14942

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
~25째 medium beam. Assembly with location pins and installation tape.
logo
Cree, Inc
CA14949 CREE-CA14949 Datasheet
845Kb / 13P
Strada series
logo
Ledil, Inc.
CA14949 LEDIL-CA14949 Datasheet
2Mb / 8P
IESNA Type III (medium) beam with minimized backlight
More results

Similar Description - CA14942

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10322 LEDIL-CA10322 Datasheet
2Mb / 4P
~35째 8째 oval beam. Assembly with installation tape.
CA13043 LEDIL-CA13043_18 Datasheet
10Mb / 5P
~40째 wide beam. Assembly with holder and installation tape.
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
~85째 wide beam. Assembly with installation tape.
CX15819 LEDIL-CX15819 Datasheet
3Mb / 5P
~35째 wide beam with holder and installation tape
FCA12265 LEDIL-FCA12265 Datasheet
2Mb / 4P
~35째 wide beam. 14.6 mm high assembly with installation tape.
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
~25째 medium beam. Assembly with location pins and installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
FP16560 LEDIL-FP16560 Datasheet
2Mb / 8P
~35째 wide beam with location pin installation
CA12838 LEDIL-CA12838 Datasheet
5Mb / 11P
~100째 x 20째 oval beam. Assembly with location pins and installation tape
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com