Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA15150 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA15150
Description  Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height. Assembly with installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15150 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA15150 Datasheet HTML 1Page - Ledil, Inc. CA15150 Datasheet HTML 2Page - Ledil, Inc. CA15150 Datasheet HTML 3Page - Ledil, Inc. CA15150 Datasheet HTML 4Page - Ledil, Inc. CA15150 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA15150_STRADA-ME
STRADA-ME
Beam with excellent longitudinal luminance
uniformity
fulfilling
EN13201
M-class
requirements where road width is equal to or
less than the pole height. Assembly with
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
5 mm
Fastening
tape
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
5 kg
Quantity in Box
7440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-ME
Lens
PMMA
clear
VOSU-WU-M-365-TAPE
Tape
Last update: 10/05/2017
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA15150

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
CA15-9-ADP MULTITECH-CA15-9-ADP Datasheet
1Mb / 35P
DE15M-DE9F Serial Cable, Data Only (6 ft)
December 29, 2014
CA15-9-D MULTITECH-CA15-9-D Datasheet
1Mb / 35P
DE15M-DE9F Serial Cable, Data Only (6 ft)
December 29, 2014
logo
Ledil, Inc.
CA15027 LEDIL-CA15027 Datasheet
1Mb / 4P
~70째 very wide beam. Assembly with installation tape.
logo
Cree, Inc
CA15226 CREE-CA15226 Datasheet
1Mb / 27P
Strada series
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
Forward throw beam optimized for European tunnels
More results

Similar Description - CA15150

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16134 LEDIL-C16134 Datasheet
2Mb / 6P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height
C13996 LEDIL-C13996 Datasheet
1Mb / 4P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C16226 LEDIL-C16226 Datasheet
4Mb / 7P
Fulfils EN13201 M-class requirements where road width is equal to or less the pole height.
C14515 LEDIL-C14515 Datasheet
2Mb / 4P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less the pole height
C16958 LEDIL-C16958 Datasheet
4Mb / 5P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height.
C14164 LEDIL-C14164 Datasheet
4Mb / 18P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C16926 LEDIL-C16926 Datasheet
3Mb / 12P
Excellent longitudinal luminance uniformity EN13201 M-class
CA14026 LEDIL-CA14026 Datasheet
1Mb / 8P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
CS14144 LEDIL-CS14144 Datasheet
5Mb / 17P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
C17222 LEDIL-C17222 Datasheet
2Mb / 5P
Excellent longitudinal luminance uniformity for EN13201 M-class
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com