Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12114 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # D12114
Description  Side emitter beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

D12114 Datasheet(HTML) 1 Page - Ledil, Inc.

  D12114 Datasheet HTML 1Page - Ledil, Inc. D12114 Datasheet HTML 2Page - Ledil, Inc. D12114 Datasheet HTML 3Page - Ledil, Inc. D12114 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
D12114_STRADA-S-14
STRADA-S-14
Side emitter beam
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 + 13.8 mm
Height
6.5 mm
Fastening
glue, pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
2880 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-S-14
Lens
PMMA
clear
Last update: 10/04/2017
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - D12114

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1211 SEME-LAB-D1211 Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
More results

Similar Description - D12114

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS Datasheet
602Kb / 3P
Parallel Beam Point Source Emitter
logo
List of Unclassifed Man...
QS186LEQ8 ETC2-QS186LEQ8 Datasheet
448Kb / 8P
WORLD-BEAM QS186LE Laser Emitter
logo
Marktech Corporate
MTPS2085BSL MARKTECH-MTPS2085BSL_15 Datasheet
591Kb / 3P
Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS_15 Datasheet
602Kb / 3P
Parallel Beam Point Source Emitter
logo
Ledil, Inc.
CA15902 LEDIL-CA15902 Datasheet
2Mb / 7P
~190째 side emitter beam
DA12115 LEDIL-DA12115 Datasheet
2Mb / 4P
Side emitter beam. Assembly with installation tape.
C11249 LEDIL-C11249 Datasheet
1Mb / 7P
Side emitter beam
CA11248 LEDIL-CA11248 Datasheet
1Mb / 7P
Side emitter beam
logo
Pepperl+Fuchs Inc.
OBE2000-R3-Y302637 PF-OBE2000-R3-Y302637 Datasheet
867Kb / 3P
Thru-beam sensor (emitter)
2022-06-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com